Electronic Components Datasheet Search
  English  ▼

X  

SAM5808B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SAM5808B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5808B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SAM5808B Datasheet HTML 13Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 14Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 15Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 16Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 17Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 18Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 19Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 20Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
SAM5808B
SAM5808B.pdf
– Rev 14/05/2018
17
© 2015-2018 Dream S.A.S., France
4.3.
Pin description
White cells describes Primary function of the pin
Grey cells describes Secondary function of the pin
Pink cells describes GPIO function of the pin
Yellow cells describes special function of the pin at start-up
PD
indicates pin with built-in pull-down resistor. (PD) indicates that the pull-down can be disabled.
PU
indicates pin with built-in pull-up resistor. (PU) indicates that the pull-down can be disabled.
5VT
indicates a 5 volt tolerant Input or I/O pin.
MEM
indicates a pad supplied by VM.
DR4, DR8, DR12
indicates driving capability at VOL, VOH (see § 7.3.- D.C. Characteristics)
SR3:
If GPIO is used as input, an external 330
Ω (min) serial resistor is needed for safe ROM boot.
SR7:
If GPIO is used as input, an external 750
Ω (min) serial resistor is needed for safe ROM boot.
4.3.1. Power Supply Group
Pin name
Pin#
Type
Mem
Cfg
Description
VD12
34,68,
111,147,
148
PWR
1-4
Power for the internal core, +1.2V nominal (1.2V
 10 %).
These pins must be connected to the output of the regulator
OUTVC12 (pin 174).
100nF+10nF capacitors should be connected between each
of these pins and a close ground plane.
10µF should be added on two opposite sides.
VC12
173
PWR
1-4
Power for the internal PLL, +1.2V nominal (1.2V
 10 %).
This pin must be connected to the output of the regulator
OUTVC12 (pin 174).
10µF+100nF capacitors should be connected between this
pin and a close ground plane.
VD33
9,14,89,
103,115,
141,149,
162
PWR
1-4
+3.3V power for periphery. All these pins should be returned
to nominal 3.3V.
100nF decoupling capacitors should be connected between
half of these pins and ground plane
GND
46,132,
172
PWR
1-4
Digital ground. All these pins should be returned to a ground
plane
VD33O
168
PWR
1-4
+3.3V power for internal oscillator OSC2.
A 100nF filtering capacitor should be connected between
VD33O and GNDO.
GNDO
171
PWR
1-4
Digital ground for internal oscillator OSC2. This pin should
be returned to the ground plane
VD33R
175
PWR
1-4
+3.3V power for internal 3.3V to 1.2 V regulator.
A 10µF filtering capacitor should be connected between
VD33R and GNDR.
GNDR
176
PWR
1-4
Digital ground for internal 3.3V to 1.2 V regulator. This pin
should be returned to the ground plane
VD33U0,
VD33U1
122,127
PWR
1-4
+3.3V power for internal USB ports. 10µF+100nF+10nF
capacitors should be connected between VD33U0 and
GNDU0, VD33U1 and GNDU1.
GNDU0,
GNDU1
125,130
PWR
1-4
Digital ground for internal USB ports. These pins should be
returned to a ground plane
VM
21,28,33,
40,47,54,
61,75
PWR
1-4
Memory PAD Power +2.25V to +3.6V. Depending on the
memory type, all VM pins should be returned to 3.3V or
2.5V.
100nF capacitors should be connected between half of
these pins and a close ground plane.
10nF capacitors should be connected between the other half
of these pins and a close ground plane.
10µF should be added on both sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com