Electronic Components Datasheet Search
  English  ▼

X  

SAM5808B Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SAM5808B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5808B Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SAM5808B Datasheet HTML 35Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 36Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 37Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 38Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 39Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 40Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 41Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 42Page - List of Unclassifed Manufacturers SAM5808B Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
SAM5808B
SAM5808B.pdf
– Rev 14/05/2018
39
© 2015-2018 Dream S.A.S., France
7.3.4. General Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
OUTVC12 output voltage
VD12
1.14
1.2
1.26
V
VD33 power supply current in warm power down
(PLL stopped, Sys clk = 12.288MHz crystal, all
P24 stopped)
ID33
-
8.9
-
mA
VD33 power supply current in reset mode
(RST/=0)
ID33
-
3.6
-
mA
VD33 power supply current (crystal freq.= 12.288
MHz, all P24 stopped)
ID33
101
mA
VD33 power supply current (crystal freq.= 12.288
MHz, all P24 running)
ID33
180
mA
VM power supply current (crystal freq.= 12.288
MHz, VM=3.3V, SDR SDRAM)
IDM
21
-
44
mA
VM power supply current in reset mode
IDM
-
-
<1
µA
VA33 power supply current
(ADC running @ 11MHz)
IA33
-
3.2
-
mA
VA33 power supply current in reset mode
IA33
-
-
<1
µA
USB Full Speed current (One USB port active)
ID33U
-
18
-
mA
USB High Speed current (One USB port active)
ID33U
-
29
-
mA
Ethernet MAC current
ID33E
-
15
-
mA
7.4.
ADC Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Analog bottom internal reference voltage
VRefN
-
100
150
mV
Analog top internal reference voltage
VRefP
VA33-175
VA33-125
-
mV
Resolution
RES
-
10
-
bit
Integral non-linearity error
INL
-2
±1
+2
LSB
Clock frequency
ADCCK
1
-
11
MHz
Sampling Rate
ADCSR
-
-
1
MSps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com