Electronic Components Datasheet Search
  English  ▼

X  

P841 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # P841
Description  Infrared LED Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

P841 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  P841 Datasheet HTML 1Page - Toshiba Semiconductor P841 Datasheet HTML 2Page - Toshiba Semiconductor P841 Datasheet HTML 3Page - Toshiba Semiconductor P841 Datasheet HTML 4Page - Toshiba Semiconductor P841 Datasheet HTML 5Page - Toshiba Semiconductor P841 Datasheet HTML 6Page - Toshiba Semiconductor P841 Datasheet HTML 7Page - Toshiba Semiconductor P841 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP841
2007-10-01
3
Package Dimensions: TOSHIBA 11-8A1
Weight : 0.1g (typ.)
Pin Connection
Unit: mm
( ): Reference value
Tolerances are listed below unless
otherwise specified.
Dimensions
Tolerance
4 mm or less
±0.1
Greater then 4 mm
±0.2
Center of
sensor
1: Anode
2: Cathode
3: Collector
4: Emitter
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com