Electronic Components Datasheet Search
  English  ▼

X  

P841 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # P841
Description  Infrared LED Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

P841 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  P841 Datasheet HTML 1Page - Toshiba Semiconductor P841 Datasheet HTML 2Page - Toshiba Semiconductor P841 Datasheet HTML 3Page - Toshiba Semiconductor P841 Datasheet HTML 4Page - Toshiba Semiconductor P841 Datasheet HTML 5Page - Toshiba Semiconductor P841 Datasheet HTML 6Page - Toshiba Semiconductor P841 Datasheet HTML 7Page - Toshiba Semiconductor P841 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP841
2007-10-01
1
TOSHIBA Photointerrupter Infrared LED + Phototransistor
TLP841
Copiers, Printers and Fax Machines
VCRs and CD Players
Various Position Detection Sensor
The TLP841 is photointerrupter which consists of a GaAs infrared
LED and an Si phototransistor.
With gap width as wide as 5mm, it is a compact package.
• Compact package: 7.5(w)×6.3(h)×2.6(d)mm
• Printed wiring board direct mounting type (with a locating pin)
• Board thickness: 1.6mm or less
• Gap width: 5 mm
• Resolution: Slit width = 0.5 mm
• Current transfer ratio: IC/IF = 2.5% (min)
• High response speed: tr, tf = 15μs (typ.)
• Material of the package: Polybutylene terephthalate (UL94V-0)
Absolute Maximum Ratings (Ta
= 25°C)
Marking (Note 2)
Characteristics
Symbol
Rating
Unit
Forward current
IF
30
mA
Forward current derating
(Ta>25°C)
ΔIF/°C
−0.33
mA/°C
Reverse voltage
VR
5
V
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
5
V
Collector power dissipation
PC
75
mW
Collector power dissipation
derating
(Ta>25℃)
ΔPC/°C
−1
mW/°C
Collector current
IC
50
mA
Operating temperature range
Topr
−30 to 85
°C
Storage temperature range
Tstg
−40 to 100
°C
Soldering temperature (5s) (Note 1)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: At least 1.5mm from body
Note 2: Weekly code: (Three digits)
TOSHIBA
11-8A1
Weight: 0.1 g (typ.)
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)
Weekly code
Product No.


Similar Part No. - P841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P840MADL13DBVRQ1 TI-P840MADL13DBVRQ1 Datasheet
1Mb / 29P
TLV840-Q1 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Norgren Ltd
P84C NORGREN-P84C Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84C-3AA-NAN NORGREN-P84C-3AA-NAN Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84C-3AA-NBN NORGREN-P84C-3AA-NBN Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
P84C-3AA-NFN NORGREN-P84C-3AA-NFN Datasheet
1Mb / 9P
P84C 3/2 Control Valve Excelon® Plus Modular System
10/22
More results

Similar Description - P841

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP800A TOSHIBA-TLP800A Datasheet
382Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP801A TOSHIBA-TLP801A Datasheet
248Kb / 9P
INFRARED LED PHOTOTRANSISTOR
12-Feb-2004
TLP810 TOSHIBA-TLP810 Datasheet
299Kb / 7P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
04-Apr-2002
TLP814 TOSHIBA-TLP814 Datasheet
307Kb / 7P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP830 TOSHIBA-TLP830 Datasheet
346Kb / 7P
INFRARED LED PHOTOTRANSISTOR
TLP831 TOSHIBA-TLP831 Datasheet
334Kb / 7P
PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP813 TOSHIBA-TLP813 Datasheet
352Kb / 6P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
10-Dec-1997
TLP836 TOSHIBA-TLP836 Datasheet
319Kb / 6P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
10-Dec-1997
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
Photo-interrupter Infrared LEDPhototransistor
TLP830 TOSHIBA-TLP830_07 Datasheet
258Kb / 9P
Infrared LED Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com