Electronic Components Datasheet Search
  English  ▼

X  

P841 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # P841
Description  Infrared LED Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

P841 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  P841 Datasheet HTML 1Page - Toshiba Semiconductor P841 Datasheet HTML 2Page - Toshiba Semiconductor P841 Datasheet HTML 3Page - Toshiba Semiconductor P841 Datasheet HTML 4Page - Toshiba Semiconductor P841 Datasheet HTML 5Page - Toshiba Semiconductor P841 Datasheet HTML 6Page - Toshiba Semiconductor P841 Datasheet HTML 7Page - Toshiba Semiconductor P841 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TLP841
2007-10-01
4
0
0.5
1
1.5
2
2.5
3
3.5
4
024
68
10
12
0.1
1
10
100
110
100
0.001
0.01
0.1
1
10
1
10
100
IC –VCE
(typ.)
Collector-emitter voltage VCE (V)
Ta
= 25°C
20
15
10
IF = 5 mA
IC – IF
(typ.)
Forward current IF (mA)
Ta
= 25°C
: VCE = 2 V
: VCE = 0.4 V
Sample 2
Sample 1
IC/IF – IF
(typ.)
Forward current IF (mA)
Sample 2
Sample 1
Ta
= 25°C
: VCE = 2 V
: VCE = 0.4 V
0
20
40
60
80
020
40
60
80
100
0
5
10
15
20
25
30
35
0
2040
6080
100
IF – Ta
Ambient temperature Ta (°C)
PC – Ta
Ambient temperature Ta (°C)
1
10
100
0.9
1
1.1
1.2
1.3
1.4
1.5
Forward voltage VF (V)
0
Ta = 75°C
50
25
−25
IF – VF
(typ.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com