Electronic Components Datasheet Search
  English  ▼

X  

P841 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # P841
Description  Infrared LED Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

P841 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  P841 Datasheet HTML 1Page - Toshiba Semiconductor P841 Datasheet HTML 2Page - Toshiba Semiconductor P841 Datasheet HTML 3Page - Toshiba Semiconductor P841 Datasheet HTML 4Page - Toshiba Semiconductor P841 Datasheet HTML 5Page - Toshiba Semiconductor P841 Datasheet HTML 6Page - Toshiba Semiconductor P841 Datasheet HTML 7Page - Toshiba Semiconductor P841 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP841
2007-10-01
6
Relative Positioning of Shutter and Device
For normal operation, position the shutter and the device as shown in the figure below. By considering the
device's detection direction characteristic and switching time, determine the shutter slit width and pitch.
0
0.2
0.4
0.6
0.8
1
1.2
23
45
67
89
0
0.2
0.4
0.6
0.8
1
1.2
-3
-2
-1
0
1
2
3
4
Detection position
characteristics (1)
(typ.)
Distance d (mm)
IF = 10 mA
VCE = 2 V
Ta
= 25°C
Detection position
d
= 0 ± 0.3 mm
0
+
−
d
Shutter
Distance d (mm)
Detection position
characteristics (2)
(typ.)
IF = 10 mA
VCE = 2 V
Ta
= 25°C
Detection position
d
= 5.1
mm
d
Shutter
+ 0.6
− 0.95
A
A’
Shutter
Center of sensor
Unit: mm
Cross section between A and A'



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com