Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 13Page - Texas Instruments LP5910 Datasheet HTML 14Page - Texas Instruments LP5910 Datasheet HTML 15Page - Texas Instruments LP5910 Datasheet HTML 16Page - Texas Instruments LP5910 Datasheet HTML 17Page - Texas Instruments LP5910 Datasheet HTML 18Page - Texas Instruments LP5910 Datasheet HTML 19Page - Texas Instruments LP5910 Datasheet HTML 20Page - Texas Instruments LP5910 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
CIN
COUT
OUT
IN
GND
EN
A2
B2
A1
B1
Via
Time (µs)
-25
0
25
50
75
100
125
150
0
0
0.5
0.5
1
1
1.5
1.5
2
2
2.5
2.5
D021
VIN
VOUT
Time (µs)
-20
-10
0
10
20
30
40
50
60
70
80
0
-12
20
-8
40
-4
60
0
80
4
100
8
120
12
D022
IOUT
'VOUT
17
LP5910
www.ti.com
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.2.3 Application Curves
VEN = VIN
VOUT = 1.8 V
COUT = 1 µF
Figure 26. Turnon Time
VIN = 2.3 V
VOUT = 1.8 V
COUT = 1 µF
IOUT = 1 mA to 100 mA
tRISE = 10 µs
Figure 27. Load Transient Response
9 Power Supply Recommendations
This device is designed to operate from an input supply voltage range of 1.3 V to 3.3 V. The input supply must
be well regulated and free of spurious noise. To ensure that the LP5910 output voltage is well regulated and
dynamic performance is optimum, the input supply must be at least VOUT + 0.5 V.
10 Layout
10.1 Layout Guidelines
The dynamic performance of the LP5910 is dependant on the layout of the PCB. PCB layout practices that are
adequate for typical LDOs may degrade the PSRR, noise, or transient performance of the LP5910.
Best performance is achieved by placing CIN and COUT on the same side of the PCB as the LP5910 device, and
as close as is practical to the package. The ground connections for CIN and COUT must be back to the LP5910
GND pin using as wide and as short of a copper trace as is practical.
Avoid connections using long trace lengths, narrow trace widths, and/or connections through vias. These add
parasitic inductances and resistance that results in inferior performance especially during transient conditions.
10.2 Layout Examples
Figure 28. LP5910 Typical DSBGA Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com