Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments LP5910 Datasheet HTML 11Page - Texas Instruments LP5910 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
10M
D011
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
10M
D012
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
D009
125°C
85°C
25°C
-40°C
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
D010
125°C
85°C
25°C
-40°C
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
D007
125°C
85°C
25°C
-40°C
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
D008
125°C
85°C
25°C
-40°C
8
LP5910
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VOUT = 1.8 V, VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C.
VOUT = 0.8 V
VEN = VIN
No load
Figure 7. IQ vs VIN
VOUT = 1.2 V
VEN = VIN
No load
Figure 8. IQ vs VIN
VOUT = 1.8 V
VEN = VIN
No load
Figure 9. IQ vs VIN
VOUT = 2.3 V
VEN = VIN
No load
Figure 10. IQ vs VIN
VOUT = 0.8 V
VIN = 1.3 V
IOUT = 20 mA
Figure 11. PSRR vs Frequency
VOUT = 1.8 V
VIN = 2.3 V
IOUT = 20 mA
Figure 12. PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com