Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 2Page - Texas Instruments LP5910 Datasheet HTML 3Page - Texas Instruments LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
LP5910
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, VIN = VOUT(NOM) + 0.5 V, VEN = 1 V, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF.
(1)(2)(3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(10) There is a 1-MΩ resistor between EN and ground on the device.
LOGIC INPUT THRESHOLDS
VIL
EN low threshold (Off)
VIN = 1.3 V to 3.3 V
0.3
V
VIH
EN high threshold (On)
1
IEN
EN pin current(10)
VEN = 3.3 V, VIN = 3.3 V
3.3
µA
VEN = 0 V, VIN = 3.3 V
0.001
TRANSIENT CHARACTERISTICS (10)
ΔVOUT
Line transient(9)
VIN = (VOUT(NOM) + 0.5 V) to (VOUT(NOM) + 1 V)
in 30 µs
IOUT = 1 mA
0
1
mV
VIN = (VOUT(NOM) + 1 V) to (VOUT(NOM) + 0.5 V)
in 30 µs
IOUT = 1 mA
–1
0
Load transient(9)
IOUT = 1 mA to 100 mA in 10 µs
–45
mV
IOUT = 100 mA to 1 mA in 10 µs
45
Overshoot on start-up(9)
5%
tON
Turnon time
From VEN > VIH to VOUT = 95% of VOUT(NOM)
80
200
µs
OUTPUT DISCHARGE
RAD
Output discharge pulldown
resistance
VEN = 0 V, VIN = 2.3 V
160
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com