Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments LP5910 Datasheet HTML 11Page - Texas Instruments LP5910 Datasheet HTML 12Page - Texas Instruments LP5910 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
IOUT (mA)
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
200
225
250
D017
VIN = 3.3 V
VIN = 1.3 V
IOUT (mA)
0
50
100
150
200
250
300
0
25
50
75
100
125
150
175
200
225
250
D018
VIN = 3.3 V
VIN = 2.3 V
Frequency (Hz)
10
100
1000
10000
100000
1000000
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
D015
1 mA
300 mA
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
D016
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
10M
D013
Frequency (Hz)
10
100
1000
10000
100000
1000000
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
D014
1 mA
300 mA
9
LP5910
www.ti.com
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VOUT = 1.8 V, VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C.
VOUT = 2.3 V
VIN = 2.8 V
IOUT = 20 mA
Figure 13. PSRR vs Frequency
VOUT = 0.8 V
VIN = 1.3 V
Figure 14. Noise Density
VOUT = 2.3 V
VIN = 2.8 V
Figure 15. Noise Density
VIN = VOUT + 0.5 V
IOUT = 1 mA
Figure 16. ΔVOUT vs Temperature
VOUT = 0.8 V
Figure 17. IGND vs IOUT
VOUT = 1.8 V
Figure 18. IGND vs IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com