Electronic Components Datasheet Search
  English  ▼

X  

LP5910 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5910
Description  LP5910 300-mA Low-Noise, Low-IQ LDO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5910 Datasheet HTML 3Page - Texas Instruments LP5910 Datasheet HTML 4Page - Texas Instruments LP5910 Datasheet HTML 5Page - Texas Instruments LP5910 Datasheet HTML 6Page - Texas Instruments LP5910 Datasheet HTML 7Page - Texas Instruments LP5910 Datasheet HTML 8Page - Texas Instruments LP5910 Datasheet HTML 9Page - Texas Instruments LP5910 Datasheet HTML 10Page - Texas Instruments LP5910 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D005
18 k: (100 µA)
1.8 k: (1 mA)
180 : (10 mA)
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D006
180 : (10 mA)
18 : (100 mA)
6 : (300 mA)
VIN (V)
1
1.5
2
2.5
3
3.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D003
ON (VIH)
OFF (VIL)
VIN (V)
1
1.5
2
2.5
3
3.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D004
ON (VIH)
OFF (VIL)
Junction Temperature (°C)
-50
-25
0
25
50
75
100
125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D001
ON (VIH)
OFF (VIL)
VIN (V)
1
1.5
2
2.5
3
3.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D002
ON (VIH)
OFF (VIL)
7
LP5910
www.ti.com
SNVSA91E – SEPTEMBER 2015 – REVISED JULY 2017
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
6.6 Typical Characteristics
Unless otherwise stated: VOUT = 1.8 V, VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C.
VIN = 2.3 V
VOUT = 1.8 V
Figure 1. VEN Threshold vs Temperature
Figure 2. VEN Thresholds vs VIN
TJ = –40°C
Figure 3. VEN Thresholds vs VIN
TJ = 125°C
Figure 4. VEN Thresholds vs VIN
VEN = VIN
Figure 5. VOUT vs VIN
VEN = VIN
Figure 6. VOUT vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com