Electronic Components Datasheet Search
  English  ▼

X  

DSC6311ME2AA-T Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC6311ME2AA-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6311ME2AA-T Datasheet(HTML) 2 Page - Microchip Technology

  DSC6311ME2AA-T Datasheet HTML 1Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 2Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 3Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 4Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 5Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 6Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 7Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 8Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DSC63XX
DS20005808A-page 2
 2017 Microchip Technology Inc.
Package Types
Block Diagram
DSC63XX
3.2 mm x 2.5 mm DFN
2.5 mm x 2.0 mm LGA
2.0 mm x 1.6 mm LGA
1.6 mm x 1.2 mm LGA
(Top View)
OE/STDBY/SSEN
4
GND
VDD
OUT
3
2
1
DSC63XX
MEMS
RESONATOR
TEMP SENSOR
CONTROL &
COMPENSATION
PLL
VCO
OUTPUT
DIVIDER
DRIVER
SUPPLY
REGULATION
PIN 1
OE/STBY/SSEN
PIN 2
GND
PIN 4
VDD
PIN 3
OUTPUT
DIGITAL
CONTROL
SST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com