Electronic Components Datasheet Search
  English  ▼

X  

DSC6311ME2AA-T Datasheet(PDF) 6 Page - Microchip Technology

Part # DSC6311ME2AA-T
Description  Ultra-Small, Ultra-Low Power MEMS Oscillator with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC6311ME2AA-T Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSC6311ME2AA-T Datasheet HTML 2Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 3Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 4Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 5Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 6Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 7Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 8Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 9Page - Microchip Technology DSC6311ME2AA-T Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DSC63XX
DS20005808A-page 6
 2017 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
2.1
Output Buffer Options
The DSC63xx family is available in multiple output driver configurations.
The standard-drive (63x1) and high-drive (63x2) deliver respective output currents of greater than 3 mA and 6 mA at
20%/80% of the supply voltage. For heavy loads of 15 pF or higher, the high-drive option is recommended.
TABLE 2-1:
DSC63XX PIN FUNCTION TABLE (OUTPUT FREQUENCY ≥1MHZ)
Pin Number
Pin Name
Pin Type
Description
1
OE
I
Output Enable: H = Specified Frequency Output, Note 1,
Note 2
L = Output is high impedance
STDBY
Standby: H = Specified Frequency Output, Note 1, Note 2
L = Output is high impedance. Device is in low power
mode, supply current is at ISTBY
SSEN
Spread Spectrum Enable: H = Enabled
L = Disabled, Note 1
2
GND
Power
Power supply ground
3
Output
O
Oscillator clock output
4
VDD
Power
Power supply, Note 3
Note 1: DSC630x/1x/3x has 300 kΩ internal pull-up resistor on pin 1. DSC634x/5x/7x has no internal pull-up resis-
tor on pin 1 and needs an external pull-up or to be driven by other chip.
2: If pin 1 is configured as either OE or STDBY, then the Spread Spectrum is enabled by default.
3: Bypass with 0.1 µF capacitor placed as close to VDD pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com