Electronic Components Datasheet Search
  English  ▼

X  

PAM4 Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  PAM4 Datasheet HTML 1Page - TEKTRONIX, INC. PAM4 Datasheet HTML 2Page - TEKTRONIX, INC. PAM4 Datasheet HTML 3Page - TEKTRONIX, INC. PAM4 Datasheet HTML 4Page - TEKTRONIX, INC. PAM4 Datasheet HTML 5Page - TEKTRONIX, INC. PAM4 Datasheet HTML 6Page - TEKTRONIX, INC. PAM4 Datasheet HTML 7Page - TEKTRONIX, INC. PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Specifications
Product specifications and descriptions in this document are subject to change without notice.
All specifications are guaranteed unless noted otherwise. All specifications apply to all models unless noted otherwise.
Vertical system
Rise Time / Bandwidth
Determined by the sampling modules used
Vertical Resolution
16 bits over the sampling modules' dynamic range
Electrical Resolution: <20 μV LSB (for 1 V full range)
Optical resolution depends on the dynamic range of the optical module – ranges from <20 nW for the 80C07B (1 mW full range) to
<0.6 μW for the 80C10C (30 mW full range)
Horizontal system
Main and Magnification View Time
Bases, Horizontal Scale
100 fs/div to 1 ms/div, in 1-2-5 sequence or 100 fs increments
Time Interval Accuracy
Trigger Direct (Front Panel)
Input
Horizontal scale >20 ps/div, right-most point of measurement interval <150 ns; Mean Accuracy: 0.1% of interval, STDEV: ≤1 ps
Horizontal scale ≤20 ps/div, right-most point of measurement interval <150 ns; Mean Accuracy: 1 ps + 0.5% of interval
Clock Input/Prescale Trigger
(Front Panel), Eye or Pattern
Mode
Mean accuracy determined by clock input accuracy STDEV: <0.7 ps (max); <0.1 ps (typical)
Clock Input/Prescale Trigger
(Front Panel), Other Mode
Horizontal scale >20 ps/div, right-most point of measurement interval <150 ns; Mean Accuracy: 0.1% of interval, STDEV: ≤3 ps
Horizontal scale ≤20 ps/div, right-most point of measurement interval <150 ns; Mean Accuracy: 1 ps + 0.5% of interval
TDR Clock Trigger (Lock to
External 10 MHz Clock)
Horizontal scale >20 ps/div, right-most point of measurement interval <150 ns; Mean Accuracy: 0.01% of interval, STDEV: ≤1 ps
(0.1 ps typical)
Random Phase Corrected
Mode (Clock Input to 82A04B)
Maximum timing deviation 0.1% of phase reference signal period, typical, relative to phase reference signal
For more information on phase reference modes of operation, see the “Phase Reference Module for the DSA8300 Sampling
Oscilloscope” datasheet.
Triggered Phase Corrected
Mode (Clock Input to 82A04B)
Maximum timing deviation relative to phase reference signal:
>40 ns after trigger event: 0.2% of phase reference signal period, typical
≤40 ns after trigger event: 0.4% of phase reference signal period, typical
Horizontal Deskew Range
Available
SW: –500 ps to +100 ns on any individual channel in 100 fs increments, some limitations apply to software deskew TDR and
sampling modules. Note that SW deskew implies acquiring another waveform, at a different horizontal position; a throughput
penalty exists.
Mainframe channel delay (HW deskew):
Sample mode:
80E11 and 80E11x1: ±35 ps
80E07B, 80E08B, 80E09B, and 80E10B: ±150 ps
80C17, 80C18: +/- 65 ps
TDR mode:
80E08B and 80E10B: ±200 ps
DSA8300 Digital Serial Analyzer Sampling Oscilloscope
www.tek.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com