Electronic Components Datasheet Search
  English  ▼

X  

PAM4 Datasheet(PDF) 12 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 12 Page - TEKTRONIX, INC.

Back Button PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. PAM4 Datasheet HTML 10Page - TEKTRONIX, INC. PAM4 Datasheet HTML 11Page - TEKTRONIX, INC. PAM4 Datasheet HTML 12Page - TEKTRONIX, INC. PAM4 Datasheet HTML 13Page - TEKTRONIX, INC. PAM4 Datasheet HTML 14Page - TEKTRONIX, INC. PAM4 Datasheet HTML 15Page - TEKTRONIX, INC. PAM4 Datasheet HTML 16Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ICON
IConnect® Signal Integrity and Failure Analysis Software
SPAR
IConnect® S-parameters Software
DSA8300 400G-M4
400G Optical Manufacturing Analysis Software, 4-channel TDECQ analysis. This software is designed for use on a PC connected
to the DSA8300 sampling oscilloscope. (Customers who already have a DSA8300 will need to purchase DSA83UP 400G-M4.)
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A4
North America power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 50/60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Language options
Opt. L0
English manual
Opt. L7
Simplified Chinese manual
Opt. L8
Traditional Chinese manual
Opt. L10
Russian manual
Language options include translated front-panel overlay for the selected language(s).
Service options
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. CA1
Single Calibration or Functional Verification
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. IF
Upgrade Installation Service
Opt. R3
Repair Service 3 Years (including warranty)
Opt. R5
Repair Service 5 Years (including warranty)
Probes and accessories are not covered by the oscilloscope warranty and Service Offerings. Refer to the datasheet of each probe and accessory model for its unique warranty
and calibration terms.
Datasheet
12 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com