Electronic Components Datasheet Search
  English  ▼

X  

PAM4 Datasheet(PDF) 14 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 14 Page - TEKTRONIX, INC.

Back Button PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. PAM4 Datasheet HTML 10Page - TEKTRONIX, INC. PAM4 Datasheet HTML 11Page - TEKTRONIX, INC. PAM4 Datasheet HTML 12Page - TEKTRONIX, INC. PAM4 Datasheet HTML 13Page - TEKTRONIX, INC. PAM4 Datasheet HTML 14Page - TEKTRONIX, INC. PAM4 Datasheet HTML 15Page - TEKTRONIX, INC. PAM4 Datasheet HTML 16Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
80C12B
12 GHz optical channel; single-mode and multi-mode, amplified (750 to 1650 nm) optical module with optical reference receivers 5
to support 155 Mb/s to 12.5 Gb/s applications with calibrated trigger pick-off for use with external clock recovery instruments (such
as the 80A05 or CR125A)
80C14
12 GHz optical channel; single-mode and multi-mode, amplified (750 to 1650 nm) optical module optimized for 8.5 to 12.5 Gb/s
applications with calibrated trigger pick-off for use with external clock recovery instruments (such as the CR175A or CR286A)
80C15
32 GHz, single-mode and multi-mode optical module with bandwidth filters for multirate datacom and telecom 25, 100 (4x25) Gb/s,
and PAM4 for 50G/100G/200G/400G applications. Option CRTP provides a second, high-sensitivity optical input to drive Clock
Recovery Trigger Pickoff (CRTP) electrical differential outputs for clock recovery (using the Tektronix CR286A) or error detection
functions (using the Tektronix PED4001).
80C17, 80C18
32 GHz, single-mode and multi-mode, 1 and 2 channel, optical modules with bandwidth filters for multirate datacom and telecom
25, 100 (4x25) Gb/s, and PAM4 for 50G/100G/200G/400G applications.
80C20, 80C21
53 GHz, single-mode, 1 and 2 channel, optical modules with bandwidth filters for multirate datacom and telecom 40, 100 (4x25)
Gb/s, and PAM4 for 50G/100G/200G/400G applications.
Electrical modules
Electrical modules plug directly into one of four small slots of the DSA8300 sampling oscilloscope mainframe. See the 80E00 Electrical Sampling Modules datasheet for more
details.
80E11
70/60/40 6 GHz electrical sampler, dual channel
80E11X1
70/60/40 6 GHz electrical sampler, single channel
80E10B
Remote 7 Sampling Module – 50/40/30 6 GHz electrical, dual-channel with true-differential TDR capabilities
80E09B
Remote 7 Sampling Module – 60/40/30 6 GHz electrical, dual-channel
80E08B
Remote 7 Sampling Module – 30/20 6 GHz electrical, dual-channel with true-differential TDR capabilities
80E07B
Remote 7 Sampling Module – 30/20 6 GHz electrical, dual-channel
80E04
20 GHz electrical sampler, dual-channel with true-differential TDR capabilities. For remote sampling use the 80X01 or 80X02
Electrical Sampling Module Extender Cables
80E03
20 GHz electrical sampler, dual-channel. For remote sampling use the 80X01 or 80X02 Electrical Sampling Module Extender
Cables
Phase reference module
The 82A04B Phase Reference module, when installed in the DSA8300 and provided with a clock synchronous with the data to be acquired, provides a very low-jitter time base
for acquiring signals from the device under test. It can accommodate clocks from 2 GHz 8 to >60 GHz.
82A04B
Phase Reference Module – Standard module supports clocks up to 32 GHz. With Option 60G it supports clocks to >60 GHz
6
User-selectable bandwidth.
7
Each remote sampler/TDR generator is on a separate 2-meter remote cable for easy co-location with the device under test and best acquired signal fidelity.
8
For clock frequencies <8 GHz, it may be necessary to filter the clock input to eliminate harmonics from the clock signal (see Other Accessories 020-2566-xx, 020-2567-xx, and 020-2568-xx).
Datasheet
14 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com