Electronic Components Datasheet Search
  English  ▼

X  

PAM4 Datasheet(PDF) 10 Page - TEKTRONIX, INC.

Part # PAM4
Description  Digital Serial Analyzer Sampling Oscilloscope
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

PAM4 Datasheet(HTML) 10 Page - TEKTRONIX, INC.

Back Button PAM4 Datasheet HTML 6Page - TEKTRONIX, INC. PAM4 Datasheet HTML 7Page - TEKTRONIX, INC. PAM4 Datasheet HTML 8Page - TEKTRONIX, INC. PAM4 Datasheet HTML 9Page - TEKTRONIX, INC. PAM4 Datasheet HTML 10Page - TEKTRONIX, INC. PAM4 Datasheet HTML 11Page - TEKTRONIX, INC. PAM4 Datasheet HTML 12Page - TEKTRONIX, INC. PAM4 Datasheet HTML 13Page - TEKTRONIX, INC. PAM4 Datasheet HTML 14Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Computer system
Operating System
Microsoft Windows 7 Ultimate (32-bit)
CPU
3 GHz Intel Core™ 2 Duo CPU
Power source
Line voltage and frequency
90 V to 250 V
50 Hz to 400 Hz
Power Consumption
205 W, typical, mainframe only
330 W, typical, fully loaded
600 W, maximum
Physical characteristics
Dimensions
mm
Inches
Width
475
18.0
Height
343
13.5
Depth
419
16.5
kg
lb
Weight
21
46
EMC, environment and safety
Temperature
Operating
+10 to +40 °C
Nonoperating
–22 to +60 °C
Altitude
Operating
3,048 m (10,000 ft.)
Nonoperating
12,190 m (40,000 ft.)
Relative Humidity
Operating (CD-ROM not
installed)
20% to 80% at or below 40 °C (upper limit de-rates to 45% relative humidity at 40 °C)
Electromagnetic compatibility
2004/108/EC
Safety
UL3111-1, CSA1010.1, EN61010-1, IEC61010-1
Datasheet
10 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com