Electronic Components Datasheet Search
  English  ▼

X  

TPS8804 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8804
Description  TPS8804 Smoke Alarm AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS8804 Datasheet(HTML) 3 Page - Texas Instruments

  TPS8804 Datasheet HTML 1Page - Texas Instruments TPS8804 Datasheet HTML 2Page - Texas Instruments TPS8804 Datasheet HTML 3Page - Texas Instruments TPS8804 Datasheet HTML 4Page - Texas Instruments TPS8804 Datasheet HTML 5Page - Texas Instruments TPS8804 Datasheet HTML 6Page - Texas Instruments TPS8804 Datasheet HTML 7Page - Texas Instruments TPS8804 Datasheet HTML 8Page - Texas Instruments TPS8804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Thermal
Pad
VCC
REF0P3
COP
PREF
CON
AMUX
COO
DGND
MCU_TX1
LEDEN
CSEL
SCL
SDA
GPIO
SLC_RX
MCU_RX
VMCU
PLDO
VINT
20
38
36
37
35
33
34
32
30
31
29
27
28
26
24
25
23
21
22
VSL C
RESERVE D
RESERVE D
RESERVE D
LEDLDO
PDP
AGND
PDN
CSA
PDO
DINA
DINB
CSB
MCUSE L
SLC_TX2
SLC_TX1
MCU_TX2
RESERVE D
PGND
19
1
3
2
4
6
5
7
9
8
10
12
11
13
15
14
16
18
17
3
TPS8804
www.ti.com
SLVSF29 – OCTOBER 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCP Package
38-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
5
I
Analog ground. Connect to ground plane.
AMUX
33
O
Analog multiplexer output.
CON
35
I
Negative terminal of CO operational amplifier. Connect to GND if unused.
COO
34
O
Output of CO operational amplifier. Connect to GND if unused.
COP
36
I
Positive terminal of CO operational amplifier. Connect to GND if unused.
CSA
9
I
Photo LED current sense.
CSB
11
I
Photo LED current sense. Connect to GND if unused.
CSEL
29
I
Device address select pin for I2C serial interface. Pull to GND for I2C address 0x3F. Pull to
VMCU for I2C address 0x2A. Do not leave floating.
DGND
32
I
Digital ground. Connect to AGND.
DINA
10
I
Photo LED current sink. Connect to cathode of LED.
DINB
12
I
Photo LED current sink. Connect to cathode of LED. Connect to GND if unused.
GPIO
26
I/O
Multi-purpose digital input and output.
LEDEN
31
I
Photo LED enable. Do not leave floating while device is powered.
LEDLDO
4
O
LDO output for charging LED supply capacitor. Connect to GND if unused.
MCU_RX
25
O
SLC interface output for receiving data from VLINE.
MCU_TX1
30
I
Primary SLC interface input for transmitting data to VLINE.
MCU_TX2
16
I
Secondary SLC interface input for transmitting data to VLINE.
MCUSEL
13
I
Default MCULDO voltage selection input. Leave floating for VMCU = 3.3V. Tie to VINT for
VMCU = 2.5V. Tie to GND for VMCU = 1.8V. Connect to GND with 620-Ω resistor for VMCU
= 1.5V.
PDN
7
I
Photo input amplifier negative input. Connect to cathode of photodiode.
PDO
8
O
Photo input amplifier output pin.
PDP
6
I
Photo input amplifier positive Input. Connect to anode of photodiode.
PGND
17
I
Power ground. Connect to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com