Electronic Components Datasheet Search
  English  ▼

X  

TPS8804 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8804
Description  TPS8804 Smoke Alarm AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS8804 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS8804 Datasheet HTML 2Page - Texas Instruments TPS8804 Datasheet HTML 3Page - Texas Instruments TPS8804 Datasheet HTML 4Page - Texas Instruments TPS8804 Datasheet HTML 5Page - Texas Instruments TPS8804 Datasheet HTML 6Page - Texas Instruments TPS8804 Datasheet HTML 7Page - Texas Instruments TPS8804 Datasheet HTML 8Page - Texas Instruments TPS8804 Datasheet HTML 9Page - Texas Instruments TPS8804 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
TPS8804
SLVSF29 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
MCU LDO output voltage on power-up is determined by the MCUSEL pin state.
INTERNAL LDO
VINTLDO
Output Voltage
IVINT < 10 mA
2.25
2.3
2.35
V
IVINT < 10 uA, T>80C
2.25
2.3
2.40
V
DC Output Voltage Accuacy
No external/internal load,
VCC = 2.6 V - 11.5 V
–2
2
%
Line Regulation
VCC = 2.6 V-11.5 V, IOUT =
10 mA
–2
2
%
Load Regulation
IVINT = 0 mA - 10 mA, VCC =
3 V
–2
2
%
Transient regulation
IVINT stepped from 0 mA to
10 mA in 1us
–8
8
%
IVINT stepped from 10 mA to
0 mA in 1us
–5
5
%
PSRR
VIN = 3.0 V, IOUT = 10 mA, f =
60 Hz (200 mVpp)
50
dB
IINTLDO, OUT
Output current range
0
10
mA
IINTLDO, SC
Short Circuit Current Limit
30
200
500
mA
VINTLDO, DO
Dropout Voltage
From PLDO to VINT, IVINT =
10 mA, PLDO = 2.2 V
60
mV
CINTLDO, OUT
Output Capacitor
Ceramic
0.7
1
1.3
µF
ESR of Output Capacitor
100
MCU LDO
VMCULDO
Output Voltage(1)
IMCULDO < 30 mA, VCC > 2.2
V, VMCUSET = 00 (T < 80°C
for no load)
1.425
1.5
1.575
V
IMCULDO < 10 uA, VCC > 2.2
V, VMCUSET = 00, T > 80°C
1.425
1.5
1.65
V
IMCULDO < 30 mA, VCC > 2.6
V, VMCUSET = 01 (T <
80°C for no load)
1.71
1.8
1.89
V
IMCULDO < 10 uA, VCC > 2.6
V, VMCUSET = 01, T > 80°C
1.71
1.8
1.98
V
IMCULDO < 30 mA, VCC > 3.65
V, VMCUSET = 10 (T <
80°C for no load)
2.38
2.5
2.63
V
IMCULDO < 10 uA, VCC > 3.65
V, VMCUSET = 10, T > 80°C
2.38
2.5
2.75
V
IMCULDO < 10 mA, VCC > 3.65
V, VMCUSET = 11 (T <
80°C for no load)
3.13
3.3
3.47
V
IMCULDO < 10 uA, VCC > 4.5
V, VMCUSET = 11, T > 80°C
3.13
3.3
3.60
V
IMCULDO < 50 mA, VCC > 5.5
V, VMCUSET = 11
3.13
3.3
3.47
V
DC Output Voltage Accuracy
T < 80°C
–5
5
%
VMCULDO,PG
MCULDO power good
threshold
VMCU rising
75
85
95
%
VMCU falling
65
75
85
%
IMCULDO
Output Current Range
VCC > 2.2 V, VMCUSET = 00
0
30
mA
VCC > 2.6 V, VMCUSET = 01
0
30
mA
VCC > 3.65 V, VMCUSET =
10
0
30
mA
VCC > 4.5 V, VMCUSET = 11
0
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com