Electronic Components Datasheet Search
  English  ▼

X  

TPS8804 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8804
Description  TPS8804 Smoke Alarm AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS8804 Datasheet(HTML) 1 Page - Texas Instruments

  TPS8804 Datasheet HTML 1Page - Texas Instruments TPS8804 Datasheet HTML 2Page - Texas Instruments TPS8804 Datasheet HTML 3Page - Texas Instruments TPS8804 Datasheet HTML 4Page - Texas Instruments TPS8804 Datasheet HTML 5Page - Texas Instruments TPS8804 Datasheet HTML 6Page - Texas Instruments TPS8804 Datasheet HTML 7Page - Texas Instruments TPS8804 Datasheet HTML 8Page - Texas Instruments TPS8804 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
VSLC
TPS8804
PLDO
AMUX
AGND
SLC_RX
VCC
VINT
VMCU
MCUSEL
MCU
ADC
GPIO
I
2
C
GPIO
LEDEN
GPIO
SCL
SDA
CSEL
MCU_TX1
MCU_RX
VIN
PGND DGND
SLC_TX1
CSA
DINA
PDO
PDN
PDP
PREF
COO
Photo
Chamber
Pre-Regulator
5V to 15V
VLINE
REF0P3
COP
CON
CO
Sensor
VLINE
LEDLDO
DINB
CSB
Blue
IR
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TPS8804
SLVSF29 – OCTOBER 2019
TPS8804 Smoke Alarm AFE
1
1 Features
1
Photo Chamber AFE
Dual 8-bit programmable current LED drivers
Temperature compensation of LED current
Ultra-low offset trans-impedance amplifier for
photodiodes
Programmable and bypassable gain stage
Carbon Monoxide Sensor AFE
Ultra-low offset gain stage
Programmable gain and reference
Power Management
Low quiescent current LDO for internal supply
Programmable LDO for external
microcontroller
SLC interface transmitter and receiver
Ultra-low power consumption
I2C serial interface
Configurable fault monitor with pin interrupt signal
Wide input voltage range
2 Applications
Smoke and CO detector
3 Description
The TPS8804 is a smoke detection ASIC specialized
for commercial smoke detectors. The TPS8804
integrates all of the amplifiers and drivers required for
a dual-wave photoelectric smoke detection and
carbon monoxide detection system. Its high flexibility
is ideal for smoke detection systems where precision
and power consumption are critical.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS8804
TSSOP (38)
9.7 mm x 4.4 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application


Similar Part No. - TPS8804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS8804 TI1-TPS8804 Datasheet
2Mb / 57P
TPS8804 Smoke Detector AFE
TPS8804DCPR TI1-TPS8804DCPR Datasheet
2Mb / 57P
TPS8804 Smoke Detector AFE
TPS8804 TI1-TPS8804_V01 Datasheet
2Mb / 57P
TPS8804 Smoke Detector AFE
More results

Similar Description - TPS8804

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303 Datasheet
380Kb / 14P
Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
logo
Microchip Technology
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
logo
Allegro MicroSystems
A5303 ALLEGRO-A5303_16 Datasheet
799Kb / 15P
Photoelectric Smoke Detector with Interconnect, Timer, and Latching Alarm Indicator
logo
Texas Instruments
TPS8802 TI1-TPS8802 Datasheet
1Mb / 66P
TPS8802 Smoke Alarm AFE
TPS8802 TI1-TPS8802_V01 Datasheet
2Mb / 75P
TPS8802 Smoke Alarm AFE
TPS8804 TI1-TPS8804_V01 Datasheet
2Mb / 57P
TPS8804 Smoke Detector AFE
logo
Microchip Technology
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com