Electronic Components Datasheet Search
  English  ▼

X  

TPS8804 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8804
Description  TPS8804 Smoke Alarm AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS8804 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS8804 Datasheet HTML 6Page - Texas Instruments TPS8804 Datasheet HTML 7Page - Texas Instruments TPS8804 Datasheet HTML 8Page - Texas Instruments TPS8804 Datasheet HTML 9Page - Texas Instruments TPS8804 Datasheet HTML 10Page - Texas Instruments TPS8804 Datasheet HTML 11Page - Texas Instruments TPS8804 Datasheet HTML 12Page - Texas Instruments TPS8804 Datasheet HTML 13Page - Texas Instruments TPS8804 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
TPS8804
SLVSF29 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCSB
CSB output voltage
TJ = 27°C TEMPCOB[1:0] =
00, PDAC_B = 00, RCSB=1
kOhms, VDINB=3V
282
294
306
mV
TJ = 27°C TEMPCOB[1:0] =
00, PDAC_B = FF, RCSB=1
kOhms, VDINB=3V
582
594
606
mV
TJ = 27°C TEMPCOB[1:0] =
01, PDAC_B = 00, RCSB=1
kOhms, VDINB=3V
261
273
285
mV
TJ = 27°C TEMPCOB[1:0] =
01, PDAC_B = FF, RCSB=1
kOhms, VDINB=3V
561
573
585
mV
TJ = 27°C TEMPCOB[1:0] =
10, PDAC_B = 00, RCSB=1
kOhms, VDINB=3V
176
188
200
mV
TJ = 27°C TEMPCOB[1:0] =
10, PDAC_B = FF, RCSB=1
kOhms, VDINB=3V
476
488
500
mV
TJ = 27°C TEMPCOB[1:0] =
11, PDAC_B = 00, RCSB=1
kOhms, VDINB=3V
71
83
95
mV
TJ = 27°C TEMPCOB[1:0] =
11, PDAC_B = FF, RCSB=1
kOhms, VDINB=3V
371
383
395
mV
VPDACB, STEP
DAC step size
1.18
mV
INL
-10
10
LSB
DNL
-1.5
1.5
LSB
tPDACB, SET
Settling time
1
5
µs
KPDACB, COMP
CSB temperature
compensation coefficient
TEMPCOB[1:0] = 00,
PDAC[7:0] = 0x00, RCSB=1
kOhms, VDINB=3V, TJ=0°C,
50°C
0.174
0.347
0.521
mV/°C
TEMPCOB[1:0] = 01,
PDAC[7:0] = 0x00, RCSB=1
kOhms, VDINB=3V, TJ=0°C,
50°C
0.208
0.416
0.624
mV/°C
TEMPCOB[1:0] = 10,
PDAC[7:0] = 0x00, RCSB=1
kOhms, VDINB=3V, TJ=0°C,
50°C
0.346
0.693
1.039
mV/°C
TEMPCOB[1:0] = 11,
PDAC[7:0] = 0x00, RCSB=1
kOhms, VDINB=3V, TJ=0°C,
50°C
0.520
1.040
1.560
mV/°C
VDINB, DROP
Dropout voltage. Voltage
required between DINB and
CSB for current regulation.
PLDO=3.6V, RCSA=820mΩ,
TEMPCOB[1:0]=11,
PDAC[7:0]=0x28, TJ=27°C
(I_LED
≈158mA, 0.8% temp
coefficient)
300
mV
PLDO=3.6V, RCSA=820mΩ,
TEMPCOB[1:0]=01,
PDAC[7:0]=0x79, TJ=27°C
(I_LED
≈507mA, 0.1% temp
coefficient)
500
mV
IDINB
LED current
0
550
mA
CO TRANSIMPEDANCE AMPLIFIER
RI, CO
CO input resistance
COSWRI = 1
0.7
1
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com