Electronic Components Datasheet Search
  English  ▼

X  

TPS8804 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8804
Description  TPS8804 Smoke Alarm AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS8804 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS8804 Datasheet HTML 28Page - Texas Instruments TPS8804 Datasheet HTML 29Page - Texas Instruments TPS8804 Datasheet HTML 30Page - Texas Instruments TPS8804 Datasheet HTML 31Page - Texas Instruments TPS8804 Datasheet HTML 32Page - Texas Instruments TPS8804 Datasheet HTML 33Page - Texas Instruments TPS8804 Datasheet HTML 34Page - Texas Instruments TPS8804 Datasheet HTML 35Page - Texas Instruments TPS8804 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
TPS8804
SLVSF29 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 15. COSW Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
6
COSWRG
R/W
0h
CO gain resistor (output of amplifier to inverting input of amplifier)
enable
0h = Hi-Z
1h = Resistance set by COGAIN register
5
COSWRI
R/W
0h
CO input resistor (inverting input of amplifier to CON pin) enable
0h = 0 Ohms
1h = 1 kOhms
4
COSWREF
R/W
0h
CO reference switch enable
0h = COREF disconnected from positive input of amplifier
1h = COREF connected to positive input of amplifier
3-0
RESERVED
R
0h
Reserved
7.6.12 CO Register (Offset = Dh) [reset = 0h]
CO is shown in Table 16.
Return to Summary Table.
Table 16. CO Register Field Descriptions
Bit
Field
Type
Reset
Description
7
REF0P3_EN
R/W
0h
300mV reference enable
0h = Buffer disabled
1h = Buffer enabled
6-5
COREF_1:0
R/W
0h
Reference voltage for CO amplifier
0h = 1.25mV
1h = 2.5mV
2h = 3.75mV
3h = 5mV
4-3
COGAIN_1:0
R/W
0h
CO amplifier feedback resistance
0h = 1100 kOhm
1h = 300 kOhm
2h = 500 kOhm
3h = 800 kOhm
2
COTEST_DIR
R/W
0h
CO test output direction
0h = pull-down
1h = pull-up
1
COTEST_EN
R/W
0h
Enable COTEST output on PREF
0h = disabled
1h = enabled
0
COAMP_EN
R/W
0h
CO amplifier control
0h = disabled
1h = enabled
7.6.13 LEDLDO Register (Offset = Fh) [reset = 0h]
LEDLDO is shown in Table 17.
Return to Summary Table.
Table 17. LEDLDO Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com