Electronic Components Datasheet Search
  English  ▼

X  

AX6000 Datasheet(PDF) 3 Page - TP-Link Technologies Co., Ltd.

Part # AX6000
Description  AX6000 Next-Gen Wi-Fi Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX6000 Datasheet(HTML) 3 Page - TP-Link Technologies Co., Ltd.

  AX6000 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
An extremely powerful 1.8GHz 64-bit quad-core processor, two distinct
co-processors, and 1GB of RAM work tirelessly to power your network.
Archer AX6000 provides a 2.5Gbps WAN port to make fully use of the over
1Gbps internet access, boost the whole internet throughput.
1.8GHz 64-bit Quad-Core CPU
2.5Gbps WAN Port
Highlights
1.8GHz
Quad-Core
CPU
Co-Processors
Internet Access
TP-Link AX6000 Next-Gen Wi-Fi Router
AX6000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com