Electronic Components Datasheet Search
  English  ▼

X  

AX6000 Datasheet(PDF) 6 Page - TP-Link Technologies Co., Ltd.

Part # AX6000
Description  AX6000 Next-Gen Wi-Fi Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX6000 Datasheet(HTML) 6 Page - TP-Link Technologies Co., Ltd.

  AX6000 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Hardware
· Ethernet Ports: One 2.5Gbps WAN Port, Eight Gigabit LAN Ports
· USB Ports: One Type A & One Type C USB 3.0 Ports
· Buttons: WPS Button, Wi-Fi On/Off Button, LED On/Off Button, Power
On/Off Button, Reset Button
· Antennas: 8 High-Performance External Antennas
· External Power Supply: 12V/4A
· Dimensions (W x D x H): 10.3×10.3×2.4in (261.2×261.2×60.2mm)
Wireless
· Wireless: 1148 Mbps on 2.4GHz (802.11ax) + 4804 Mbps on 5GHz (802.11ax), compatible
with 802.11a/b/g/n/ac Wi-Fi standards
· Frequency: 2.4GHz and 5GHz
· Transmit Power:
CE: <20dBm(2.4GHz), <23dBm(5.15GHz~5.35GHz); <30dBm(5.47GHz~5.725GHz)
FCC: <30dBm(2.4GHz & 5.15GHz~5.25GHz & 5.725GHz~5.825GHz)
· Reception Sensitivity:
5GHz:
11a 6Mbps:-97dBm, 11a 54Mbps:-79dBm
11ac VHT20_MCS0:-96dBm, 11ac VHT20_MCS11:-66dBm
11ac VHT40_MCS0:-94dBm, 11ac VHT40_MCS11:-63dBm
11ac VHT80_MCS0:-91dBm, 11ac VHT80_MCS11:-60dBm
11ac VHT160_MCS0:-88dBm, 11ac VHT160_MCS11:-55dBm
11ax HE20_MCS0:-95dBm, 11ax HE20_MCS11:-63dBm
11ax HE40_MCS0:-92dBm, 11ax HE40_MCS11:-60dBm
11ax HE80_MCS0:-89dBm, 11ax HE80_MCS11:-58dBm
11ax HE160_MCS0:-85dBm, 11ax HE160_MCS11:-55dBm
2.4GHz:
11g 6Mbps:-97dBm, 11a 54Mbps:-79dBm
11n HT20_MCS0:-97dBm, 11n HT20_MCS7:-78dBm
11n HT40_MCS0:-95dBm, 11n HT40_MCS7:-75dBm
11ac VHT20_MCS0:-96dBm, 11ac VHT20_MCS11:-67dBm
11ac VHT40_MCS0:-94dBm, 11ac VHT40_MCS11:-64dBm
11ax HE20_MCS0:-96dBm, 11ax HE20_MCS11:-64dBm
11ax HE40_MCS0:-93dBm, 11ax HE40_MCS11:-61dBm
· Wireless Function: Enable/Disable Wireless Radio, WDS Bridge, WMM, Wireless Statistics
· Wireless Security: 64/128-bit WEP, WPA/WPA2, WPA-PSK/WPA2-PSK encryptions
Specifications
TP-Link AX6000 Next-Gen Wi-Fi Router
AX6000
Type A USB 3.0 port
8 Gigabit LAN Ports
2.5Gbps WAN Port
Type C USB 3.0 port
Reset button
Power On/Off button
WPS button
Wi-Fi button
LED button



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com