Electronic Components Datasheet Search
  English  ▼

X  

AX6000 Datasheet(PDF) 5 Page - TP-Link Technologies Co., Ltd.

Part # AX6000
Description  AX6000 Next-Gen Wi-Fi Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX6000 Datasheet(HTML) 5 Page - TP-Link Technologies Co., Ltd.

  AX6000 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
· Intuitive Web UI – Ensures quick and simple Installation without
hassle
· Fast Encryption – One-touch WPA wireless security encryption
with the WPS button
· Easy On/Off – Turn on/off wireless radio using the Wi-Fi button;
turn on/off LEDs using the LED button
· Power On/Off – Conveniently power on or off your router as
required
· Hassle-free Management with Tether App – Network
management is made easy with the TP-Link Tether App,
available on any Android and iOS device
· Bluetooth Onboarding – Open phone's bluetooth and quickly
sets up the network via the Tether app
· Antivirus – Protects all connected devices in your home from
viruses and malware
· Guest Network – Keeps your main network secure by creating a
separate network for friends and visitors
· Access Control – Establishes a whitelist or blacklist to allow or
restrict certain devices to access the internet
· Parental Controls – Restricts internet access time and contents
for children devices
· Encryptions for Secure Network – WPA-PSK and WPA2-PSK
encryptions provide active protection against security threats
Ease of Use
Security
· Type C & Type A USB 3.0 Ports – Provide data transfers up to
10× faster than a traditional USB 2.0 port.
· Built-in Media Server – Allows you to play music, watch videos
and view photos from any device on your network
Easy Sharing
Features
TP-Link AX6000 Next-Gen Wi-Fi Router
AX6000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com