Electronic Components Datasheet Search
  English  ▼

X  

AX6000 Datasheet(PDF) 1 Page - TP-Link Technologies Co., Ltd.

Part # AX6000
Description  AX6000 Next-Gen Wi-Fi Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX6000 Datasheet(HTML) 1 Page - TP-Link Technologies Co., Ltd.

  AX6000 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AX6000
Next-Gen Wi-Fi
Router
Faster. Broader.
Higher Capacity.
Archer AX6000
4804 Mbps 5GHz
1148 Mbps 2.4GHz
1.8GHz Quad-Core CPU
Top-Notch Processing
OFDMA & MU-MIMO
4X Higher Performance
2.5Gbps WAN Port
Hi-Speed Internet Access
802.11ax


Similar Part No. - AX6000

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX6033 AXIOMTEK-AX6033 Datasheet
186Kb / 1P
Desktop or wallmount industrial computer chassis
AX6033WB/100 AXIOMTEK-AX6033WB/100 Datasheet
186Kb / 1P
Desktop or wallmount industrial computer chassis
AX6033WC/70 AXIOMTEK-AX6033WC/70 Datasheet
186Kb / 1P
Desktop or wallmount industrial computer chassis
AX6033WI/70 AXIOMTEK-AX6033WI/70 Datasheet
186Kb / 1P
Desktop or wallmount industrial computer chassis
AX60501 AXIOMTEK-AX60501 Datasheet
208Kb / 1P
Desktop or wallmount industrial computer chassis
More results

Similar Description - AX6000

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AC2300 TP-LINK-AC2300 Datasheet
2Mb / 7P
MU-MIMO Wi-Fi Router
AC2600 TP-LINK-AC2600 Datasheet
1Mb / 7P
MU-MIMO Wi-Fi Router
AC4000 TP-LINK-AC4000 Datasheet
1Mb / 9P
MU-MIMO Tri-Band Wi-Fi Router
AX11000 TP-LINK-AX11000 Datasheet
3Mb / 7P
AX11000 Next-Gen Tri-Band Gaming Router
AC750 TP-LINK-AC750_V05 Datasheet
2Mb / 5P
AC750 Wi-Fi Travel Router
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
AC1900 TP-LINK-AC1900_V01 Datasheet
6Mb / 7P
Touch Screen Wi-Fi Gigabit Router
AX1500 TP-LINK-AX1500 Datasheet
1Mb / 7P
AX1500 Next-Gen Wi-Fi 6 Router
AX3000 TP-LINK-AX3000 Datasheet
1Mb / 7P
Dual Band Gigabit Wi-Fi 6 Router
logo
Advantech Co., Ltd.
EKI-9502G ADVANTECH-EKI-9502G Datasheet
345Kb / 2P
EN50155 Train-To-Ground Wi-Fi/Cellular Router
26-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com