Electronic Components Datasheet Search
  English  ▼

X  

AX6000 Datasheet(PDF) 4 Page - TP-Link Technologies Co., Ltd.

Part # AX6000
Description  AX6000 Next-Gen Wi-Fi Router
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TP-LINK [TP-Link Technologies Co., Ltd.]
Direct Link  https://www.tp-link.com/en/
Logo TP-LINK - TP-Link Technologies Co., Ltd.

AX6000 Datasheet(HTML) 4 Page - TP-Link Technologies Co., Ltd.

  AX6000 Datasheet HTML 1Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 2Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 3Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 4Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 5Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 6Page - TP-Link Technologies Co., Ltd. AX6000 Datasheet HTML 7Page - TP-Link Technologies Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
· AX Tech – 802.11ax (also known as Wi-Fi 6) features
advanced technologies including OFDMA, MU-MIMO and
1024QAM, drastically increasing the speed and efficiency of
the entire network
· Ultimate Wireless Speed – 1148 Mbps on 2.4GHz (802.11ax)
+ 4804 Mbps on 5GHz (802.11ax)
· 1.8GHz 64-bit Quad-Core CPU – Balances the demands of
your devices and improves NAT throughput to keep
connections fast and continuous
· Link Aggregation – Doubles the connection speeds to an
external storage devices for faster streaming and data
backup
· Accelerated VPN Access – Securely connects to private
networks providing 5× faster OpenVPN and PPTP VPN
connections
· Ultimate Range Wi-Fi – 8 high-gain external antennas deliver a
Wi-Fi signal to every corner of your home, making all of your
connections more efficient and stable.
· Range Boost – Greatly enhances receiving sensitivity to deliver
a more stable router-client link
· Beamforming Technology – Concentrates Wi-Fi signals towards
individual devices to ensure stronger connections
Speed
Wi-Fi Range
Reliability
· Airtime Fairness – Balances bandwidth of connected devices to
improve overall throughput and efficiency
· Smart Connect – Intelligently switches each device’s connection
to the optimum available Wi-Fi band
· Easy Bandwidth Management – Advanced QoS makes it easier
for you to manage the bandwidth of connected devices or
applications
Features
TP-Link AX6000 Next-Gen Wi-Fi Router
AX6000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com