Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112 Datasheet(PDF) 63 Page - SMSC Corporation

Part # LPC47M112
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button LPC47M112 Datasheet HTML 59Page - SMSC Corporation LPC47M112 Datasheet HTML 60Page - SMSC Corporation LPC47M112 Datasheet HTML 61Page - SMSC Corporation LPC47M112 Datasheet HTML 62Page - SMSC Corporation LPC47M112 Datasheet HTML 63Page - SMSC Corporation LPC47M112 Datasheet HTML 64Page - SMSC Corporation LPC47M112 Datasheet HTML 65Page - SMSC Corporation LPC47M112 Datasheet HTML 66Page - SMSC Corporation LPC47M112 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 63
Rev. 02/02/2005
DATASHEET
1) "Software" resets (via the DOR or DSR registers) will only clear GAP and WGATE bits to "0". D0-D3 are unaffected
and retain their previous value.
2) "Hardware" resets will clear all bits
(GAP, WGATE and D0-D3) to "0", i.e all conventional mode.
Table 27 - Effects of WGATE and GAP Bits
WGATE
GAP
MODE
LENGTH OF
GAP2 FORMAT
FIELD
PORTION OF
GAP 2
WRITTEN BY
WRITE DATA
OPERATION
0
0
1
1
0
1
0
1
Conventional
Perpendicular
(500 Kbps)
Reserved
(Conventional)
Perpendicular
(1 Mbps)
22 Bytes
22 Bytes
22 Bytes
41 Bytes
0 Bytes
19 Bytes
0 Bytes
38 Bytes
LOCK
In order to protect systems with long DMA latencies against older application software that can disable the FIFO the
LOCK Command has been added. This command should only be used by the FDC routines, and application software
should refrain from using it. If an application calls for the FIFO to be disabled then the CONFIGURE command should
be used.
The LOCK command defines whether the EFIFO, FIFOTHR, and PRETRK parameters of the CONFIGURE command
can be RESET by the DOR and DSR registers. When the LOCK bit is set to logic "1" all subsequent "software RESETS
by the DOR and DSR registers will not change the previously set parameters to their default values. All "hardware"
RESET from the nPCI_RESET pin will set the LOCK bit to logic "0" and return the EFIFO, FIFOTHR, and PRETRK to
their default values. A status byte is returned immediately after issuing a LOCK command. This byte reflects the value
of the LOCK bit set by the command byte.
ENHANCED DUMPREG
The DUMPREG command is designed to support system run-time diagnostics and application software development
and debug. To accommodate the LOCK command and the enhanced PERPENDICULAR MODE command the eighth
byte of the DUMPREG command has been modified to contain the additional data from these two commands.
COMPATIBILITY
The LPC47M112 was designed with software compatibility in mind. It is a fully backwards- compatible solution with the
older generation 765A/B disk controllers. The FDC also implements on-board registers for compatibility with the PS/2, as
well as PC/AT and PC/XT, floppy disk controller subsystems. After a hardware reset of the FDC, all registers, functions
and enhancements default to a PC/AT, PS/2 or PS/2 Model 30 compatible operating mode, depending on how the
IDENT and MFM bits are configured by the system BIOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com