Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112 Datasheet(PDF) 95 Page - SMSC Corporation

Part # LPC47M112
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112 Datasheet(HTML) 95 Page - SMSC Corporation

Back Button LPC47M112 Datasheet HTML 91Page - SMSC Corporation LPC47M112 Datasheet HTML 92Page - SMSC Corporation LPC47M112 Datasheet HTML 93Page - SMSC Corporation LPC47M112 Datasheet HTML 94Page - SMSC Corporation LPC47M112 Datasheet HTML 95Page - SMSC Corporation LPC47M112 Datasheet HTML 96Page - SMSC Corporation LPC47M112 Datasheet HTML 97Page - SMSC Corporation LPC47M112 Datasheet HTML 98Page - SMSC Corporation LPC47M112 Datasheet HTML 99Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 95
Rev. 02/02/2005
ecpDFifo (ECP Data FIFO)
ADDRESS OFFSET = 400H
Mode = 011
Bytes written or DMAed from the system to this FIFO, when the direction bit is 0, are transmitted by a hardware
handshake to the peripheral using the ECP parallel port protocol. Transfers to the FIFO are byte aligned.
Data bytes from the peripheral are read under automatic hardware handshake from ECP into this FIFO when the
direction bit is 1. Reads or DMAs from the FIFO will return bytes of ECP data to the system.
tFifo (Test FIFO Mode)
ADDRESS OFFSET = 400H
Mode = 110
Data bytes may be read, written or DMAed to or from the system to this FIFO in any direction. Data in the tFIFO will not
be transmitted to the to the parallel port lines using a hardware protocol handshake. However, data in the tFIFO may be
displayed on the parallel port data lines.
The tFIFO will not stall when overwritten or underrun. If an attempt is made to write data to a full tFIFO, the new data is
not accepted into the tFIFO. If an attempt is made to read data from an empty tFIFO, the last data byte is re-read again.
The full and empty bits must always keep track of the correct FIFO state. The tFIFO will transfer data at the maximum
ISA rate so that software may generate performance metrics.
The FIFO size and interrupt threshold can be determined by writing bytes to the FIFO and checking the full and
serviceIntr bits.
The writeIntrThreshold can be determined by starting with a full tFIFO, setting the direction bit to 0 and emptying it a byte
at a time until serviceIntr is set. This may generate a spurious interrupt, but will indicate that the threshold has been
reached.
The readIntrThreshold can be determined by setting the direction bit to 1 and filling the empty tFIFO a byte at a time until
serviceIntr is set. This may generate a spurious interrupt, but will indicate that the threshold has been reached.
Data bytes are always read from the head of tFIFO regardless of the value of the direction bit. For example if 44h, 33h,
22h is written to the FIFO, then reading the tFIFO will return 44h, 33h, 22h in the same order as was written.
cnfgA (Configuration Register A)
ADDRESS OFFSET = 400H
Mode = 111
This register is a read only register. When read, 10H is returned. This indicates to the system that this is an 8-bit
implementation. (PWord = 1 byte)
cnfgB (Configuration Register B)
ADDRESS OFFSET = 401H
Mode = 111
BIT 7 compress
This bit is read only. During a read it is a low level. This means that this chip does not support hardware RLE
compression. It does support hardware de-compression.
BIT 6 intrValue
Returns the value of the interrupt to determine possible conflicts.
BITS [5:3] Parallel Port IRQ (read-only)
Refer to Table 44B.
BITS [2:0] Parallel Port DMA (read-only)
Refer to Table 44C.
ecr (Extended Control Register)
ADDRESS OFFSET = 402H
Mode = all
This register controls the extended ECP parallel port functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com