Electronic Components Datasheet Search
  English  ▼

X  

LPC47M112 Datasheet(PDF) 76 Page - SMSC Corporation

Part # LPC47M112
Description  ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M112 Datasheet(HTML) 76 Page - SMSC Corporation

Back Button LPC47M112 Datasheet HTML 72Page - SMSC Corporation LPC47M112 Datasheet HTML 73Page - SMSC Corporation LPC47M112 Datasheet HTML 74Page - SMSC Corporation LPC47M112 Datasheet HTML 75Page - SMSC Corporation LPC47M112 Datasheet HTML 76Page - SMSC Corporation LPC47M112 Datasheet HTML 77Page - SMSC Corporation LPC47M112 Datasheet HTML 78Page - SMSC Corporation LPC47M112 Datasheet HTML 79Page - SMSC Corporation LPC47M112 Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 208 page
background image
Enhanced Super I/O Controller with LPC Interface
Datasheet
SMSC DS – LPC47M112
Page 76
Rev. 02/02/2005
NOTES ON SERIAL PORT OPERATION
FIFO MODE OPERATION:
GENERAL
The RCVR FIFO will hold up to 16 bytes regardless of which trigger level is selected.
TX AND RX FIFO OPERATION
The Tx portion of the UART transmits data through TXD as soon as the CPU loads a byte into the Tx FIFO. The UART
will prevent loads to the Tx FIFO if it currently holds 16 characters. Loading to the Tx FIFO will again be enabled
as soon as the next character is transferred to the Tx shift register. These capabilities account for the largely
autonomous operation of the Tx.
The UART starts the above operations typically with a Tx interrupt. The chip issues a Tx interrupt whenever the Tx FIFO
is empty and the Tx interrupt is enabled, except in the following instance. Assume that the Tx FIFO is empty and the
CPU starts to load it. When the first byte enters the FIFO the Tx FIFO empty interrupt will transition from active to
inactive. Depending on the execution speed of the service routine software, the UART may be able to transfer this byte
from the FIFO to the shift register before the CPU loads another byte. If this happens, the Tx FIFO will be empty again
and typically the UART's interrupt line would transition to the active state. This could cause a system with an interrupt
control unit to record a Tx FIFO empty condition, even though the CPU is currently servicing that interrupt. Therefore,
after the first byte has been loaded into the FIFO the UART will wait one serial character transmission time
before issuing a new Tx FIFO empty interrupt. This one character Tx interrupt delay will remain active until at
least two bytes have the Tx FIFO empties after this condition, the Tx been loaded into the FIFO, concurrently.
When interrupt will be activated without a one character delay.
Rx support functions and operation are quite different from those described for the transmitter. The Rx FIFO receives
data until the number of bytes in the FIFO equals the selected interrupt trigger level. At that time if Rx interrupts are
enabled, the UART will issue an interrupt to the CPU. The Rx FIFO will continue to store bytes until it holds 16 of them.
It will not accept any more data when it is full. Any more data entering the Rx shift register will set the Overrun Error flag.
Normally, the FIFO depth and the programmable trigger levels will give the CPU ample time to empty the Rx FIFO
before an overrun occurs.
One side-effect of having a Rx FIFO is that the selected interrupt trigger level may be above the data level in the FIFO.
This could occur when data at the end of the block contains fewer bytes than the trigger level. No interrupt would be
issued to the CPU and the data would remain in the UART. To prevent the software from having to check for this
situation the chip incorporates a timeout interrupt.
The timeout interrupt is activated when there is a least one byte in the Rx FIFO, and neither the CPU nor the Rx shift
register has accessed the Rx FIFO within 4 character times of the last byte. The timeout interrupt is cleared or reset
when the CPU reads the Rx FIFO or another character enters it.
These FIFO related features allow optimization of CPU/UART transactions and are especially useful given the higher
baud rate capability (256 kbaud).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com