Electronic Components Datasheet Search
  English  ▼

X  

ADG3232 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG3232
Description  Low Voltage 2-1 Mux, Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3232 Datasheet(HTML) 4 Page - Analog Devices

  ADG3232 Datasheet HTML 1Page - Analog Devices ADG3232 Datasheet HTML 2Page - Analog Devices ADG3232 Datasheet HTML 3Page - Analog Devices ADG3232 Datasheet HTML 4Page - Analog Devices ADG3232 Datasheet HTML 5Page - Analog Devices ADG3232 Datasheet HTML 6Page - Analog Devices ADG3232 Datasheet HTML 7Page - Analog Devices ADG3232 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
–4–
ADG3232–Typical Performance Characteristics
ADG3232
–5–
��������
���
�
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
�����������
���������
�����������
�����������
TPC 1. ICC1 vs. VCC1
����������������
��
��
�
�
��
��
��
��
�
��
��
��
��
��
��
��
��
�����������
���������
�����������
�����������
�����������
TPC 4. ICC2 vs.Temperature
FREQUENCY – Hz
0
10k
100k
1M
200
400
600
800
1000
1200
1400
1600
1800
2000
10M
100M
TA = 25C
VCC1 =VCC2 = 3.3V
VCC1 =VCC2 = 1.8V
TPC 7. ICC2 vs. Frequency, A1–Y
��������
���
�
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���
���������
�����������
�����������
�����������
TPC 2. ICC2 vs. VCC2
FREQUENCY – Hz
0
10k
100k
1M
200
400
600
800
1000
1200
1400
1600
1800
2000
10M
100M
TA = 25C
VCC1 =VCC2 = 1.8V
VCC1 =VCC2 = 3.3V
TPC 5. ICC1 vs. Frequency, A1–Y
FREQUENCY – Hz
0
10k
100k
1M
200
400
600
800
1000
1200
1400
1600
1800
2000
10M
100M
TA = 25C
VCC1 =VCC2 = 3.3V
VCC1 =VCC2 = 1.8V
TPC 8. ICC2 vs. Frequency, A2–Y
����������������
��
�
�
��
��
��
��
�
��
��
��
��
��
��
��
��
�����������
�����������
�����������
�����������
���������
TPC 3. ICC1 vs.Temperature
FREQUENCY – Hz
0
10k
100k
1M
10
20
30
40
50
60
70
80
10M
100M
TA = 25C
VCC1 =VCC2 = 1.8V
VCC1 =VCC2 = 3.3V
TPC 6. ICC1 vs. Frequency, A2–Y
����������
�
�
�
��
�
�
���
���
���
���
���
���
���
����
���������
�����������
TPC 9. Enable, DisableTime vs. Supply
REV. A
REV. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com