Electronic Components Datasheet Search
  English  ▼

X  

ADG3232 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG3232
Description  Low Voltage 2-1 Mux, Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3232 Datasheet(HTML) 3 Page - Analog Devices

  ADG3232 Datasheet HTML 1Page - Analog Devices ADG3232 Datasheet HTML 2Page - Analog Devices ADG3232 Datasheet HTML 3Page - Analog Devices ADG3232 Datasheet HTML 4Page - Analog Devices ADG3232 Datasheet HTML 5Page - Analog Devices ADG3232 Datasheet HTML 6Page - Analog Devices ADG3232 Datasheet HTML 7Page - Analog Devices ADG3232 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–2–
ADG3232–SPECIFICATIONS1
ADG3232
–3–
PIN CONFIGURATION
�������
��������
��������������
���������������
���� �
�� �
�� �
EN �
����
��
�
���
�
�
�
�
PIN FUNCTION DESCRIPTIONS
Pin No. Mnemonic Description
1
VCC1
SupplyVoltage 1 can be any supply voltage from 1.65 V to 3.6 V.
2
A1
Input Referred to VCC1.
3
A2
Input Referred to VCC1.
4
EN
Active Low Device Enable.When low, bypass mode is enabled; when high, the device is in normal mode.
5
GND
Device Ground Pin.
6
Y
Output Referred toVCC2.
7
NC
Not Internally Connected.
8
VCC2
SupplyVoltage 2 can be any supply voltage from 1.65 V to 3.6 V.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADG3232BRJ-REEL
–40°C to +85°C
SOT-23
RJ-8
W3B
ADG3232BRJ-REEL7
–40°C to +85°C
SOT-23
RJ-8
W3B
ABSOLUTE MAXIMUM RATINGS*
(TA = 25°C, unless otherwise noted.)
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +4.6 V
A1, EN Input Voltage . . . . . . . . . . . . . . . . . . . . –0.3 V to +4.6 V
A2
. . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VCC1 to +0.3 V
DC Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 mA
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
8-Lead SOT-23
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 211°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . . . . 300°C
IR Reflow, Peak Temperature (<20 sec) . . . . . . . . . . . . . . 235°C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device.This is a stress rating only; functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Only one absolute maximum rating
may be applied at any one time.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although the ADG3232
features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high
energy electrostatic discharges.Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
REV. A
REV. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com