Electronic Components Datasheet Search
  English  ▼

X  

ADG3232 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3232
Description  Low Voltage 2-1 Mux, Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3232 Datasheet(HTML) 6 Page - Analog Devices

  ADG3232 Datasheet HTML 1Page - Analog Devices ADG3232 Datasheet HTML 2Page - Analog Devices ADG3232 Datasheet HTML 3Page - Analog Devices ADG3232 Datasheet HTML 4Page - Analog Devices ADG3232 Datasheet HTML 5Page - Analog Devices ADG3232 Datasheet HTML 6Page - Analog Devices ADG3232 Datasheet HTML 7Page - Analog Devices ADG3232 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADG3232
–6–
ADG3232
–7–
���
���
���
���
���
���
���
�
�
�
��
��
��
������������
����������
����
���������
�����������������
����������
����������
����������
����������
����������
������
TPC 23. Y Sink and Source Current
2
3
TA = 25�C
DATA RATE = 10MHz
Y
1.8V
3.3V
A1
1
TPC 22. Input/Output VCC1 = 3.3 V, VCC2 = 1.8 V
�
�
�
���������
EN�=�����
�
��
����
����
��
�����������������
TPC 19. Input/Output VCC1 = 3.3 V, VCC2 = 1.8 V
3
TA = 25�C
DATA RATE = 10MHz
Y
1.8V
3.3V
A1
2
TPC 20. Input/Output VCC1 = 1.8 V, VCC2 = 3.3 V
�
�
�
���������
�����������������
�
��
����
����
����
��
TPC 21. Input/Output VCC1 = 1.8 V, VCC2 = 3.3 V
REV. A
REV. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com