Electronic Components Datasheet Search
  English  ▼

X  

ADG3232 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG3232
Description  Low Voltage 2-1 Mux, Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3232 Datasheet(HTML) 2 Page - Analog Devices

  ADG3232 Datasheet HTML 1Page - Analog Devices ADG3232 Datasheet HTML 2Page - Analog Devices ADG3232 Datasheet HTML 3Page - Analog Devices ADG3232 Datasheet HTML 4Page - Analog Devices ADG3232 Datasheet HTML 5Page - Analog Devices ADG3232 Datasheet HTML 6Page - Analog Devices ADG3232 Datasheet HTML 7Page - Analog Devices ADG3232 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
ADG3232–SPECIFICATIONS1
ADG3232
–3–
(VCC1 = VCC2 = 1.65 V to 3.6 V, GND = 0 V. All specifications TMIN to TMAX, unless
otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ2
Max
Unit
LOGIC INPUTS/OUTPUTS3
Input High Voltage4
VIH
VCC1 = 3.0 V to 3.6 V
1.35
V
VIH
VCC1 = 2.3 V to 2.7 V
1.35
V
VIH
VCC1 = 1.65 V to 1.95 V
0.65 VCC
V
Input Low Voltage4
VIL
VCC1 = 3.0 V to 3.6 V
0.80
V
VIL
VCC1 = 2.3 V to 2.7 V
0.70
V
VIL
VCC1 = 1.65 V to 1.95 V
0.35 VCC
V
Output High Voltage
VOH
IOH = –100 mA, VCC2 = 3.0 V to 3.6 V
2.4
V
VCC2 = 2.3 V to 2.7 V
2.0
V
VCC2 = 1.65 V to 1.95 V VCC – 0.45
V
IOH = –4 mA, VCC2 = 2.3 V to 2.7 V
2.0
V
VCC2 = 1.65 V to 1.95 V VCC – 0.45
V
IOH = –8 mA, VCC2 = 3.0 V to 3.6 V
2.4
V
Output Low Voltage
VOL
IOH = +100 mA,VCC2 = 3.0 V to 3.6 V
0.40
V
VCC2 = 2.3 V to 2.7 V
0.40
V
VCC2 = 1.65 V to 1.95 V
0.45
V
IOH = +4 mA, VCC2 = 2.3 V to 2.7 V
0.40
V
VCC2 = 1.65 V to 1.95 V
0.45
V
IOH = +8 mA, VCC2 = 3.0 V to 3.6 V
0.40
V
SWITCHING CHARACTERISTICS4, 5
Propagation Delay, tPD
A1 to Y
tPHL, tPLH 3.3 V ± 0.3 V, CL = 30 pF, VT = VCC/2
4
6.5
ns
A2 to Y
tPHL, tPLH 3.3 V ± 0.3 V, CL = 30 pF, VT = VCC/2
3.5
5.4
ns
A1 to Y
tPHL, tPLH 2.5 V ± 0.2 V, CL = 30 pF, VT = VCC/2
5
7.2
ns
A2 to Y
tPHL, tPLH 2.5 V ± 0.2 V, CL = 30 pF, VT = VCC/2
4.5
6.5
ns
A1 to Y
tPHL, tPLH 1.8 V ± 0.15 V, CL = 30 pF, VT = VCC/2
6.5
10.25
ns
A2 to Y
tPHL, tPLH 1.8 V ± 0.15 V, CL = 30 pF, VT = VCC/2
6.5
10
ns
ENABLE Time EN to Y
tEN
3.3 V ± 0.3 V, CL = 30 pF, VT = VCC/2
4.5
6.5
ns
DISABLE Time EN to Y
tDIS
3.3 V ± 0.3 V, CL = 30 pF, VT = VCC/2
4
6.5
ns
ENABLE Time EN to Y
tEN
2.5 V ± 0.2 V, CL = 30 pF, VT = VCC/2
5
7.7
ns
DISABLE Time EN to Y
tDIS
2.5 V ± 0.2 V, CL = 30 pF, VT = VCC/2
4.8
7.2
ns
ENABLE Time EN to Y
tEN
1.8 V ± 0.15 V, CL = 30 pF, VT = VCC/2
7
12
ns
DISABLE Time EN to Y
tDIS
1.8 V ± 0.15 V, CL = 30 pF, VT = VCC/2
6.5
10.5
ns
Input Leakage Current
II
0  VIN  3.6 V
±1
µA
Output Leakage Current
IO
0  VIN  3.6 V
±1
µA
POWER REQUIREMENTS
Power Supply Voltages
VCC1
1.65
3.6
V
VCC2
1.65
3.6
V
Quiescent Power Supply
Current
ICC1
Digital Inputs = 0 V or VCC
2
µA
ICC2
Digital Inputs = 0 V or VCC
2
µA
Increase in ICC per Input
ICC12
VCC = 3.6 V, One Input at 3.0 V;
Others at VCC or GND
0.75
µA
NOTES
1 Temperature range is as follows: B Version, –40°C to +85°C.
2 All typical values are at VCC1 = VCC2, TA = 25°C, unless otherwise stated.
3 VIL and VIH levels are specified with respect to VCC1; VOH and VOL levels are with respect to VCC2.
4 Guaranteed by design, not subject to production test.
5 See Test Circuits and Waveforms.
Specifications subject to change without notice.
REV. A
REV. A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com