Electronic Components Datasheet Search
  English  ▼

X  

ADG3232 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3232
Description  Low Voltage 2-1 Mux, Level Translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3232 Datasheet(HTML) 1 Page - Analog Devices

  ADG3232 Datasheet HTML 1Page - Analog Devices ADG3232 Datasheet HTML 2Page - Analog Devices ADG3232 Datasheet HTML 3Page - Analog Devices ADG3232 Datasheet HTML 4Page - Analog Devices ADG3232 Datasheet HTML 5Page - Analog Devices ADG3232 Datasheet HTML 6Page - Analog Devices ADG3232 Datasheet HTML 7Page - Analog Devices ADG3232 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
that may result from its use. No license is granted by implication or oth-
erwise under any patent or patent rights of Analog Devices.Trademarks
and registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADG3232*
Low Voltage
2-1 Mux, Level Translator
*Patent Pending
FEATURES
Operates from 1.65 V to 3.6 V Supply Rails
Unidirectional Signal Path, Bidirectional Level Translation
Tiny 8-Lead SOT-23 Package
Short Circuit Protection
LVTTL/CMOS Compatible Inputs
APPLICATIONS
Level Translation
Low Voltage ASIC Translation
Low Voltage Clock Switching
Serial Interface Translation
FUNCTIONAL BLOCK DIAGRAM
EN
��
���
�
����
��
����
GENERAL DESCRIPTION
The ADG3232 is a level translator 2-1 mux designed on a sub-
micron process and operates from supplies as low as 1.65 V. The
device is guaranteed for operation over the supply range 1.65 V to
3.6 V. It operates from two supply voltages, allowing bidirectional
level translation, i.e., it translates low voltages to higher voltages
and vice versa. The signal path is unidirectional, meaning data
may flow only from A to Y.
This type of device may be used in applications requiring commu-
nication between devices operating from different supply levels.
The level translator mux is packaged in one of the smallest foot-
prints available for its pin count.The 8-lead SOT-23 package
requires only 8.26 mm  8.26 mm of board space.
PRODUCT HIGHLIGHTS
1. Bidirectional level translation matches any voltage level from
1.65 V to 3.6 V.
2. The device offers high performance and is fully guaranteed
across the supply range.
3. Short circuit protection.
4. Tiny SOT-23 package.
Table I. Truth Table
EN
Function
L
A1–Y
H
A2–Y
REV. A


Similar Part No. - ADG3232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3232 AD-ADG3232_15 Datasheet
292Kb / 8P
Low Voltage 2-1 Mux, Level Translator
REV. A
More results

Similar Description - ADG3232

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3232 AD-ADG3232_15 Datasheet
292Kb / 8P
Low Voltage 2-1 Mux, Level Translator
REV. A
logo
Silicon Laboratories
SI53302 SILABS-SI53302 Datasheet
1Mb / 34P
1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53304 SILABS-SI53304 Datasheet
1Mb / 33P
1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
SI53305 SILABS-SI53305 Datasheet
1Mb / 36P
1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE
SI53311 SILABS-SI53311 Datasheet
1Mb / 30P
1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53312 SILABS-SI53312 Datasheet
1Mb / 33P
1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53311 SKYWORKS-SI53311 Datasheet
1Mb / 30P
1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 0.4
SI53312 SKYWORKS-SI53312 Datasheet
2Mb / 33P
1:10 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX (<1.25 GHZ)
Rev. 1.0
SI53314 SKYWORKS-SI53314 Datasheet
2Mb / 32P
1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX AND INDIVIDUAL OE (<1.25 GHZ)
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com