Electronic Components Datasheet Search
  English  ▼

X  

BCP56H Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BCP56H
Description  80 V, 1 A NPN medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56H Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BCP56H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
BCP56H_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 23 November 2016
3 of 16
Nexperia
BCP56H series
80 V, 1 A NPN medium power transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated; mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated; mounting pad for collector 6 cm2.
[4]
Device mounted on an FR4 PCB, 4-layer copper; tin-plated and standard footprint.
[5]
Device mounted on an FR4 PCB, 4-layer copper; tin-plated; mounting pad for collector 1 cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
100
V
VCEO
collector-emitter voltage
open base
-
80
V
VEBO
emitter-base voltage
open collector
-
7
V
IC
collector current
-
1
A
ICM
peak collector current
single pulse;
tp  1ms
-2
A
IB
base current
-
0.2
A
IBM
peak base current
single pulse;
tp  1ms
-0.3
A
Ptot
total power dissipation
Tamb  25 C
[1] -725
mW
[2] -1.2
W
[3] -1.5
W
[4] -1.6
W
[5] -2.2
W
Tj
junction temperature
-
+175
C
Tamb
ambient temperature
55
+175
C
Tstg
storage temperature
65
+175
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com