Electronic Components Datasheet Search
  English  ▼

X  

BCP56H Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # BCP56H
Description  80 V, 1 A NPN medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56H Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button BCP56H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 14Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BCP56H_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 23 November 2016
11 of 16
Nexperia
BCP56H series
80 V, 1 A NPN medium power transistors
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
f=1MHz; Tamb =25 CVCE =5V;
f = 100 MHz; Tamb =25 C
Fig 16. Emitter capacitance as a function of
emitter-base voltage; typical values
Fig 17. Transition frequency as a function of collector
current; typical values
VEB (V)
0123
4
5
aaa-023519
100
CE
(pF)
0
20
40
60
80
aaa-023520
103
fT
(MHz)
10
IC (mA)
10-1
103
1102
10
102
Fig 18. Package outline SOT223 (SC-73)
04-11-10
Dimensions in mm
6.7
6.3
3.1
2.9
1.8
1.5
7.3
6.7
3.7
3.3
1.1
0.7
13
2
4
4.6
2.3
0.8
0.6
0.32
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com