Electronic Components Datasheet Search
  English  ▼

X  

BCP56H Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # BCP56H
Description  80 V, 1 A NPN medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56H Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button BCP56H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 13Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 14Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 15Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Nexperia
BCP56H series
80 V, 1 A NPN medium power transistors
©
Nexperia B.V. 2018.
All rights reserved.
For more information, please visit: http://www.n
experia.com
For sales office addresses, please send an email to:
salesaddresses@
nexperia.com
Date of release: 23 November 2016
Document identifier: BCP56H_SER
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
14. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 5
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 8
8
Test information . . . . . . . . . . . . . . . . . . . . . . . . 11
8.1
Quality information . . . . . . . . . . . . . . . . . . . . . 11
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 11
10
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 13
12
Legal information. . . . . . . . . . . . . . . . . . . . . . . 14
12.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 14
12.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
12.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
12.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 15
13
Contact information. . . . . . . . . . . . . . . . . . . . . 15
14
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com