Electronic Components Datasheet Search
  English  ▼

X  

BCP56H Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BCP56H
Description  80 V, 1 A NPN medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56H Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BCP56H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BCP56H_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 23 November 2016
8 of 16
Nexperia
BCP56H series
80 V, 1 A NPN medium power transistors
7.
Characteristics
[1]
Pulse test: tp  300 s;  =0.02
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = 30 V; IE = 0 A
--100
nA
VCB =30V; IE =0A; Tj =150 C
--10
A
IEBO
emitter-base cut-off current
VEB =5V; IC = 0 A
--100
nA
hFE
DC current gain
VCE =2V; IC =5 mA
63
-
-
VCE =2V; IC = 150 mA
[1] 63
-
250
VCE =2V; IC = 500 mA
[1] 40
-
-
BCP56-10T
VCE =2V; IC = 150 mA
[1] 63
-
160
BCP56-16T
VCE =2V; IC = 150 mA
[1] 100
-
250
VCEsat
collector-emitter saturation
voltage
IC = 500 mA; IB =50mA
[1] --500
mV
VBE
base-emitter voltage
VCE =2V; IC = 500 mA
[1] --1
V
fT
transition frequency
VCE =5V; IC = 50 mA;
f=100MHz
100
155
-
MHz
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-4.5
-pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com