Electronic Components Datasheet Search
  English  ▼

X  

BCP56H Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # BCP56H
Description  80 V, 1 A NPN medium power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP56H Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button BCP56H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 9Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 10Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 11Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 12Page - Nexperia B.V. All rights reserved BCP56H Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BCP56H_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia N.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 23 November 2016
9 of 16
Nexperia
BCP56H series
80 V, 1 A NPN medium power transistors
VCE = 2 V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 55 C
Tamb =25 C
(1) VCE = 1 V
(2) VCE =2V
(3) VCE =5V
Fig 8.
DC current gain as a function of collector
current; typical values
Fig 9.
DC current gain as a function of collector
current; typical values
Tamb =25 CVCE =2V
(1) Tamb = 55 C
(2) Tamb =25 C
(3) Tamb = 100 C
Fig 10. Collector current as a function of
collector-emitter voltage; typical values
Fig 11. Base-emitter voltage as a function of collector
current; typical values
aaa-023511
200
hFE
0
IC (mA)
10-1
104
103
1102
10
50
100
150
(1)
(2)
(3)
aaa-023512
200
hFE
0
IC (mA)
10-1
104
103
1102
10
50
100
150
(1)
(2)
(3)
VCE (V)
05
12
34
aaa-023513
1
IC
(A)
0
0.2
0.4
0.6
0.8
27
21
15
9
3
24
18
12
6
IB (mA) = 30
aaa-023514
1.5
VBE
(V)
0
IC (mA)
10-1
104
103
1102
10
0.5
1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com