Electronic Components Datasheet Search
  English  ▼

X  

SAF-C161PI Datasheet(PDF) 117 Page - Infineon Technologies AG

Part # SAF-C161PI
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161PI Datasheet(HTML) 117 Page - Infineon Technologies AG

Back Button SAF-C161PI Datasheet HTML 113Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 114Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 115Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 116Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 117Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 118Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 119Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 120Page - Infineon Technologies AG SAF-C161PI Datasheet HTML 121Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 400 page
background image
&3,
&ORFN*HQHUDWLRQ
User’s Manual
6-1
1999-08
6
Clock Generation
All activities of the C161PI’s controller hardware and its on-chip peripherals are
controlled via the system clock signal
I
CPU.
This reference clock is generated in three stages (see also figure below):
• Oscillator
The on-chip Pierce oscillator can either run with an external crystal and appropriate
oscillator circuitry or it can be driven by an external oscillator.
• Frequency Control
The input clock signal feeds the controller hardware...
...directly, providing phase coupled operation on not too high input frequency
...divided by 2 in order to get 50% duty cycle clock signal
...via an on-chip phase locked loop (PLL) providing maximum performance on low input
frequency
...via the Slow Down Divider (SDD) in order to reduce the power consumption.
The resulting internal clock signal is referred to as “CPU clock”
I
CPU.
• Clock Drivers
The CPU clock is distributed via separate clock drivers which feed the CPU itself and two
groups of peripheral modules. The RTC is fed with the prescaled oscillator clock (
I
RTC)
via a separate clock driver, so it is not affected by the clock control functions.
Figure 6-1
CPU Clock Generation Stages
Prescaler
PLL
SDD
CPU
Peripherals,
Interfaces
Ports, Intr.Ctrl.
Idle mode
PCDDIS
P.D.mode
RTC
Osc
Oscillator
Clock Drivers
Frequency Control
32:1
I
RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com