Electronic Components Datasheet Search
  English  ▼

X  

SMLW010 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMLW010
Description  SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMLW010 Datasheet(HTML) 1 Page - Tyco Electronics

  SMLW010 Datasheet HTML 1Page - Tyco Electronics SMLW010 Datasheet HTML 2Page - Tyco Electronics SMLW010 Datasheet HTML 3Page - Tyco Electronics SMLW010 Datasheet HTML 4Page - Tyco Electronics SMLW010 Datasheet HTML 5Page - Tyco Electronics SMLW010 Datasheet HTML 6Page - Tyco Electronics SMLW010 Datasheet HTML 7Page - Tyco Electronics SMLW010 Datasheet HTML 8Page - Tyco Electronics SMLW010 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
January 2002
SMLW010 Single-Output Low-Profile
Power Modules: 36 Vdc to 75 Vdc Input; 10 W
The SMLW010 Single-Output, Low-Profile, PCB Mount Power
Modules use advanced, surface-mount technology and
deliver high-quality, compact, dc-dc conversion at an eco-
nomical price.
Applications
■ Communications equipment
■ Computer equipment
■ Distributed power architectures
■ Surface-mount applications
Features
■ Low profile: 8.2 mm x 22.6 mm x 47.8 mm
(0.323 in. x 0.89 in. x 1.88 in.)
■ Wide input voltage range: 36 Vdc to 75 Vdc
■ Input-to-output isolation: 1500 V
■ Operating case temperature range: –40 °C to
+105 °C
■ Overcurrent protection, unlimited duration
■ Positive remote on/off logic
■ Output voltage adjustment: 90% to 110% of VO, nom
■ Output overvoltage protection
■ Undervoltage lockout
■ UL* 60950 Recognized, CSA
† C22.2 No. 60950-00
Certified, VDE 0805 (EN60950) Licensed
■ CE mark meets 73/23/EEC and 93/68/EEC
directives‡
■ Within FCC Class A radiated limits
Options
■ Synchronization
Description
The SMLW010 Single-Output, Low-Profile, PCB Mount Power Modules are low-profile, dc-dc converters that
operate over an input voltage range of 36 Vdc to 75 Vdc and provide a precisely regulated output. The output is
isolated from the input, allowing versatile polarity configurations and grounding connections. Built-in filtering for
both input and output minimizes the need for external filtering. These modules are designed and manufactured
to be gull-winged surface-mounted power modules that are reflowed with other surface-mount components in a
typical surface-mount fashion.
*
UL is a registered trademark of Underwriters Laboratories, Inc.
†
CSA is a registered trademark of Canadian Standards Association.
‡ This product is intended for integration into end-use equipment. All the required procedures for CE marking of end-use equipmentshould
be followed. (The CE mark is placed on selected products.)


Similar Part No. - SMLW010

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SMLW TSC-SMLW Datasheet
290Kb / 5P
0.8A, 200V - 1000V Surface Mount Rectifier
logo
Rohm
SMLW36 ROHM-SMLW36 Datasheet
1Mb / 3P
High heat dissipation, high efficiency white LEDs
SMLW36WBFAW ROHM-SMLW36WBFAW Datasheet
1Mb / 3P
High heat dissipation, high efficiency white LEDs
SMLW36WBFBW ROHM-SMLW36WBFBW Datasheet
1Mb / 3P
High heat dissipation, high efficiency white LEDs
SMLW36WBFCW ROHM-SMLW36WBFCW Datasheet
1Mb / 3P
High heat dissipation, high efficiency white LEDs
More results

Similar Description - SMLW010

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
JW150A MACOM-JW150A Datasheet
1Mb / 20P
Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
logo
General Semiconductor
CW025ABK-M GE-CW025ABK-M Datasheet
799Kb / 20P
CW025 Triple-Output-Series Power Modules: 36 Vdc to 75 Vdc Input; 25W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
36-75 VDC Input; 3.3 VDC @ 10 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com