Electronic Components Datasheet Search
  English  ▼

X  

SMLW010 Datasheet(PDF) 3 Page - Tyco Electronics

Part # SMLW010
Description  SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMLW010 Datasheet(HTML) 3 Page - Tyco Electronics

  SMLW010 Datasheet HTML 1Page - Tyco Electronics SMLW010 Datasheet HTML 2Page - Tyco Electronics SMLW010 Datasheet HTML 3Page - Tyco Electronics SMLW010 Datasheet HTML 4Page - Tyco Electronics SMLW010 Datasheet HTML 5Page - Tyco Electronics SMLW010 Datasheet HTML 6Page - Tyco Electronics SMLW010 Datasheet HTML 7Page - Tyco Electronics SMLW010 Datasheet HTML 8Page - Tyco Electronics SMLW010 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Tyco Electronics Corp.
3
Data Sheet
January 2002
Power Modules: 36 Vdc to 75 Vdc Input; 10 W
SMLW010 Single-Output Low-Profile
Electrical Specifications (continued)
Table 2. Output Specifications
* For output voltages below 2.5 V, the G is trimmable down to 1.5 V.
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = VI, nom; IO = IO, max; TA = 25 °C)
G*
A
VO, set
VO, set
2.45
4.85
2.5
5.0
2.55
5.15
Vdc
Vdc
Output Voltage
(Over all line, load, and temperature conditions
until end of life; see Figure 3.)
G
A
VO
VO
2.41
4.80
—
—
2.59
5.20
Vdc
Vdc
Output Regulation:
Line (VI = VI, min to VI, max)
Load (IO = IO, min to IO, max)
Temperature (TC = –40 °C to +85 °C)
A, G
A, G
A, G
—
—
—
—
—
—
—
—
—
—
—
—
1
0.01
10
0.1
25
0.5
—
—
—
—
—
—
mV
%VO
mV
%VO
mV
%VO
Output Ripple and Noise Voltage
(Across one 0.1 µF ceramic capacitor; see
Figure 2.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
A, G
A, G
—
—
—
—
—
—
25
75
mVrms
mVp-p
External Load Capacitance
A, G
—
0
—
220
µF
Output Current
(At IO < IO, min, the modules may exceed output
ripple specifications, but operation is guaran-
teed. For A, and G codes, the output voltage
may exceed specifications when IO < IO, min.)
G
A
IO
IO
0.15
0.10
—
—
3.0
2.0
A
A
Output Current-limit Inception
(VO = 90% VO, set)
All
IO
—
115
—
%IO, max
Output Short-circuit Current
(VO = 0.25 V at 25 °C)
All
IO
—
200
—
%IO, max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com