Electronic Components Datasheet Search
  English  ▼

X  

SMLW010 Datasheet(PDF) 14 Page - Tyco Electronics

Part # SMLW010
Description  SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMLW010 Datasheet(HTML) 14 Page - Tyco Electronics

Back Button SMLW010 Datasheet HTML 8Page - Tyco Electronics SMLW010 Datasheet HTML 9Page - Tyco Electronics SMLW010 Datasheet HTML 10Page - Tyco Electronics SMLW010 Datasheet HTML 11Page - Tyco Electronics SMLW010 Datasheet HTML 12Page - Tyco Electronics SMLW010 Datasheet HTML 13Page - Tyco Electronics SMLW010 Datasheet HTML 14Page - Tyco Electronics SMLW010 Datasheet HTML 15Page - Tyco Electronics SMLW010 Datasheet HTML 16Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Tyco Electronics Corp.
Data Sheet
January 2002
Power Modules: 36 Vdc to 75 Vdc Input; 10 W
SMLW010 Single-Output Low-Profile
Recommended Hole Pattern
Component-side footprint. Dimensions are in millimeters and (inches).
Tolerances: x.x ± 0.5 mm (0.020 in.); x.xx ± 0.38 mm (0.015 in.).
CAUTION: Care must be taken to ensure the board in the periphery of the footprint is flat.
8-1507d
* The recommended solder paste volume is 2.8 cubic mm (170,000 cubic mils/pin). See Design Considerations section.
† NC may be used for internal module connections and should not be connected by the customer.
Pin
SMLW Function
1VO(+)
2VO(–)
3TRIM
4NC†
5NC†
6NC†
7NC†
8ON/OFF
9
SYNC (optional)
10
NC†
11
VI(–)
12
VI(+)
30.0
(1.181)
3.3
(0.13)
5.0
(0.197)
2.8
(0.110)
FOOTPRINT
PERIPHERY
29.87
(1.176)
24.28
(0.956)
PIN 1 PAD*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com