Electronic Components Datasheet Search
  English  ▼

X  

SMLW010 Datasheet(PDF) 5 Page - Tyco Electronics

Part # SMLW010
Description  SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMLW010 Datasheet(HTML) 5 Page - Tyco Electronics

  SMLW010 Datasheet HTML 1Page - Tyco Electronics SMLW010 Datasheet HTML 2Page - Tyco Electronics SMLW010 Datasheet HTML 3Page - Tyco Electronics SMLW010 Datasheet HTML 4Page - Tyco Electronics SMLW010 Datasheet HTML 5Page - Tyco Electronics SMLW010 Datasheet HTML 6Page - Tyco Electronics SMLW010 Datasheet HTML 7Page - Tyco Electronics SMLW010 Datasheet HTML 8Page - Tyco Electronics SMLW010 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Tyco Electronics Corp.
5
Data Sheet
January 2002
Power Modules: 36 Vdc to 75 Vdc Input; 10 W
SMLW010 Single-Output Low-Profile
Electrical Specifications (continued)
Table 5. Feature Specifications
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VI = VI, min to VI, max; open collector or
equivalent compatible; signal referenced to
VI(–) terminal. See Figure 4 and Feature
Descriptions.):
Logic Low—Module Off
Logic High—Module On
Module Specifications:
On/Off Current—Logic Low
On/Off Voltage:
Logic Low
Logic High (I on/off = 0 mA)
Open Collector Switch Specifications:
Leakage Current During Logic High
(Von/off = 6 V)
Output Low Voltage During Logic Low
(Ion/off = 1 mA)
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
—
–0.7
—
—
—
—
—
—
—
—
1.0
1.2
6
50
1.2
mA
V
V
µA
V
Turn-on Delay and Rise Times
(at 80% of IO, max; TA = 25 °C):
Case 1: On/Off Input Is Set for Logic High and
then Input Power Is Applied (Delay from
Point at Which VI = VI, min until VO = 10% of
VO, nom).
Case 2: Input Power Is Applied for at Least
One Second, and then the On/Off Input Is
Set to Logic High (Delay from Point at Which
Von/off = 0.9 V until VO = 10% of VO, nom).
Output Voltage Rise Time (Time for VO to
Rise from 10% of VO, nom to 90% of VO, nom)
Output Voltage Overshoot (at 80% of IO, max;
TA = 25 °C)
All
All
All
All
Tdelay
Tdelay
Trise
—
—
—
—
—
15
4
2
—
60
10
10
5
ms
ms
ms
%
Output Voltage Set Point Adjustment Range
A
G
Vtrim
Vtrim
90
60
—
—
110
110
%VO, nom
%VO, nom
Output Overvoltage Protection (clamp)
G
A
VO, clamp
VO, clamp
3.0
5.6
—
—
5.7
7.7
V
V
Undervoltage Lockout
All
—
20
27
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com