Electronic Components Datasheet Search
  English  ▼

X  

SMLW010 Datasheet(PDF) 4 Page - Tyco Electronics

Part # SMLW010
Description  SMLW010 Single-Output Low-Profile Power Modules: 36 Vdc to 75 Vdc Input; 10 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMLW010 Datasheet(HTML) 4 Page - Tyco Electronics

  SMLW010 Datasheet HTML 1Page - Tyco Electronics SMLW010 Datasheet HTML 2Page - Tyco Electronics SMLW010 Datasheet HTML 3Page - Tyco Electronics SMLW010 Datasheet HTML 4Page - Tyco Electronics SMLW010 Datasheet HTML 5Page - Tyco Electronics SMLW010 Datasheet HTML 6Page - Tyco Electronics SMLW010 Datasheet HTML 7Page - Tyco Electronics SMLW010 Datasheet HTML 8Page - Tyco Electronics SMLW010 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Tyco Electronics Corp.
Data Sheet
January 2002
Power Modules: 36 Vdc to 75 Vdc Input; 10 W
SMLW010 Single-Output Low-Profile
Electrical Specifications (continued)
Table 2. Output Specifications (continued)
* For output voltages below 2.5 V, the G is trimmable down to 1.5V.
† Engineering estimate.
Table 3. Isolation Specifications
Table 4. General Specifications
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Efficiency
(VI = VI, nom; IO = IO, max; TA = 25 °C; see
Figure 3.)
SMLW010G
SMLW010A
η
η
—
—
73
79
—
—
%
%
Switching Frequency
A
G
—
—
—
—
475
350
—
—
kHz
kHz
Dynamic Response
(
∆IO/∆t = 1A/10 µs; VI = VI, nom; TA = 25 °C):
Load Change from IO = 50% to 75% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
Load Change from IO = 50% to 25% of IO, max:
Peak Deviation
Settling Time (VO < 10% of peak deviation)
All
All
All
All
—
—
—
—
—
—
—
—
3
1.5
3
1.5
—
—
—
—
%VO, set
ms
%VO, set
ms
Parameter
Device
Min
Typ
Max
Unit
Isolation Capacitance (engineering estimate)
All
—
1100
—
pF
Isolation Resistance
All
10
—
—
M
Ω
Parameter
Device
Min
Typ
Max
Unit
Calculated MTBF
(IO = 80% of IO, max; TC = 40 °C)
All
5,500,000
hours
Weight (engineering estimate)
All
—
—
17 (0.6)
g (oz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com