Electronic Components Datasheet Search
  English  ▼

X  

NX8563 Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8563
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563 Datasheet(HTML) 3 Page - California Eastern Labs

  NX8563 Datasheet HTML 1Page - California Eastern Labs NX8563 Datasheet HTML 2Page - California Eastern Labs NX8563 Datasheet HTML 3Page - California Eastern Labs NX8563 Datasheet HTML 4Page - California Eastern Labs NX8563 Datasheet HTML 5Page - California Eastern Labs NX8563 Datasheet HTML 6Page - California Eastern Labs NX8563 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NX8563 SERIES
TYPICAL PERFORMANCE CURVES (TC = TSET unless otherwise specified)
10
0
-10
-20
-30
-40
-50
-60
-70
1540
1550
1560
15.0
12.5
10.0
7.5
5.0
2.5
0
0
20
40
60
80
100
120
100
80
60
40
20
0
0
0.4
0.8
1.2
1.6
2.0
2.4
025
50
75
50
30
20
10
5
3
2
1
LONGITUDINAL MODE
OPTICAL OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
FORWARD CURRENT vs.
FORWARD VOLTAGE
OPTICAL OUTPUT POWER FROM FIBER
vs. MONITOR CURRENT
THERMISTOR RESISTANCE vs.
AMBIENT TEMPERATURE
Wavelength λ (nm)
Forward Current, IF (mA)
Forward Voltage, VF (V)
Monitor Current, IM (mA)
Ambient Temperature, TA (°C)
12.0
10.0
8.0
6.0
4.0
2.0
0
0
0.2
0.4
0.6
0.8
1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com