Electronic Components Datasheet Search
  English  ▼

X  

NX8563 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8563
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563 Datasheet(HTML) 4 Page - California Eastern Labs

  NX8563 Datasheet HTML 1Page - California Eastern Labs NX8563 Datasheet HTML 2Page - California Eastern Labs NX8563 Datasheet HTML 3Page - California Eastern Labs NX8563 Datasheet HTML 4Page - California Eastern Labs NX8563 Datasheet HTML 5Page - California Eastern Labs NX8563 Datasheet HTML 6Page - California Eastern Labs NX8563 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NX8563 SERIES
Wavelength code
ITU-T1 Wavelength
Frequency
Wavelength code
ITU-T1 Wavelength
Frequency
(nm)
(THz)
(nm)
(THz)
287
1528.77
196.10
295
1529.55
196.00
303
1530.33
195.90
311
1531.11
195.80
318
1531.89
195.70
326
1532.68
195.60
334
1533.46
195.50
342
1534.25
195.40
350
1535.03
195.30
358
1535.82
195.20
366
1536.60
195.10
373
1537.39
195.00
381
1538.18
194.90
389
1538.97
194.80
397
1539.76
194.70
405
1540.55
194.60
413
1541.34
194.50
421
1542.14
194.40
429
1542.93
194.30
437
1543.73
194.20
445
1544.52
194.10
453
1545.32
194.00
461
1546.11
193.90
469
1546.91
193.80
477
1547.71
193.70
485
1548.51
193.60
Note:
1. The Value which omitted and computed the 3rd place below the decimal point.
493
1549.31
193.50
501
1550.11
193.40
509
1550.91
193.30
517
1551.72
193.20
525
1552.52
193.10
533
1553.32
193.00
541
1554.13
192.90
549
1554.94
192.80
557
1555.74
192.70
565
1556.55
192.60
573
1557.36
192.50
581
1558.17
192.40
589
1558.98
192.30
597
1559.79
192.20
606
1560.60
192.10
614
1561.41
192.00
622
1562.23
191.90
630
1563.04
191.80
638
1563.86
191.70
646
1564.67
191.60
654
1565.49
191.50
663
1566.31
191.40
671
1567.13
191.30
679
1567.95
191.20
687
1568.77
191.10
TABLE A: DWDM Wavelength based on ITU-T Recommendations (@TLD = Tset)
BA
NX8563
With FC-PC Connector
Wavelength Code: Refer to Tables A and B
LB: Anode Ground
LF: Anode Floating
ORDERING INFORMATION
PART NUMBER
PACKAGE
NX8563-AZ*
14-Pin Butterrfly Package
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for Pb-Free RoHS Compliance Infomation.
279
1527.99
196.20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com