Electronic Components Datasheet Search
  English  ▼

X  

NX8563 Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8563
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563 Datasheet(HTML) 5 Page - California Eastern Labs

  NX8563 Datasheet HTML 1Page - California Eastern Labs NX8563 Datasheet HTML 2Page - California Eastern Labs NX8563 Datasheet HTML 3Page - California Eastern Labs NX8563 Datasheet HTML 4Page - California Eastern Labs NX8563 Datasheet HTML 5Page - California Eastern Labs NX8563 Datasheet HTML 6Page - California Eastern Labs NX8563 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Wavelength code
ITU-T1 Wavelength
Frequency
Wavelength code
ITU-T1 Wavelength
Frequency
(nm)
(THz)
(nm)
(THz)
695
1569.59
191.00
704
1570.41
190.90
712
1571.23
190.80
720
1572.06
190.70
728
1572.88
190.60
737
1573.71
190.50
745
1574.54
190.40
753
1575.36
190.30
761
1576.19
190.20
770
1577.02
190.10
778
1577.85
190.00
786
1578.68
189.90
795
1579.51
189.80
803
1580.35
189.70
811
1581.18
189.60
820
1582.01
189.50
828
1582.85
189.40
836
1583.69
189.30
845
1584.52
189.20
853
1585.36
189.10
862
1586.20
189.00
870
1587.04
188.90
878
1587.88
188.80
887
1588.72
188.70
895
1589.56
188.60
4904
1590.41
188.50
912
1591.25
188.40
921
1592.10
188.30
929
1592.94
188.20
937
1593.79
188.10
946
1594.64
188.00
954
1595.48
187.90
963
1596.33
187.80
971
1597.18
187.70
980
1598.04
187.60
988
1598.89
187.50
997
1599.74
187.40
6006
1600.60
187.30
6014
1601.45
187.20
6023
1602.31
187.10
6031
1603.16
187.00
6040
1604.02
186.90
6048
1604.88
186.80
6057
1605.74
186.70
6066
1606.60
186.60
6074
1607.46
186.50
6083
1608.32
186.40
6091
1609.19
186.30
6100
1610.05
186.20
6109
1610.92
186.10
6117
1611.78
186.00
TABLE B: DWDM Wavelength based on ITU-T Recommendations (@TLD = Tset)
Note:
1. The Value which omitted and computed the 3rd place below the decimal point.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com