Electronic Components Datasheet Search
  English  ▼

X  

NX8563 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8563
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563 Datasheet(HTML) 6 Page - California Eastern Labs

  NX8563 Datasheet HTML 1Page - California Eastern Labs NX8563 Datasheet HTML 2Page - California Eastern Labs NX8563 Datasheet HTML 3Page - California Eastern Labs NX8563 Datasheet HTML 4Page - California Eastern Labs NX8563 Datasheet HTML 5Page - California Eastern Labs NX8563 Datasheet HTML 6Page - California Eastern Labs NX8563 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
04/02/2003
OUTLINE DIMENSIONS (Units in mm)
#7
#1
#8
Cooler
+
-
PD
LD
Thermistor
L
#14
Optical Fiber (PMF)
Length : 1000 MIN
29.97±0.25
0.3
1.0
5.15
0.5
20.83±0.25
26.04±0.25
15.24
71
814
2.54
20.8
φ2.67 4 places
1.25
0.9
R
10 MIN
8.89±0.13
12.7±0.2
6.0
8.2±0.2
5.4
PIN No.
FUNCTION
PIN No.
FUNCTION
1
THERMISTOR
8
GND
2
THERMISTOR
9
GND
3
BIAS
10
GND
4
PD ANODE
11
GND, LD ANODE
5
PD CATHODE,
12
SIGNAL INPUT
6
COOLER ANODE
13
GND
7
COOLER CATHODE
14
GND
PIN CONNECTIONS
#7
#1
#8
Cooler
+
-
PD
LD
Thermistor
L
#14
R
NX8563LF
TOP VIEW
PIN No.
FUNCTION
PIN No.
FUNCTION
1
THERMISTOR
8
GND
2
THERMISTOR
9
GND
3
LD Cathode
10
PD (λp) ANODE
4
PD (Pf) ANODE
11
LD ANODE
5
PD CATHODE
12
LD CATHODE
6
COOLER ANODE
13
LD ANODE
7
COOLER CATHODE
14
NC
PIN CONNECTIONS
NX8563LB
TOP VIEW
OPTICAL FIBER DIMENSIONS (Units in mm)
Paramter
Unit
Specification
Outer Diameter
mm
0.9±0.1
Minimum Fiber Bending Radius
mm
30
Fiber Length
mm
1000 MIN
Fiber Length: 1000 mm MIN
PMF
FC-PC Connector
NX8563 SERIES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com